Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 28 of 43
Figure 55. SSB Output Power, Second- and Third-Order Harmonics, Carrier
Feedthrough, Sideband Suppression, OIP2, and OIP3 vs. Baseband I/Q
Amplitude = 0.6 V p-p Differential for OIP2, and OIP3, 1 V p-p Differential for
POUT, Sideband Suppression, HD2, HD3, Carrier Feedthrough, fOUT =
2140 MHz, 25°C
OPERATING OUT OF FREQUENCY RANGE
The operating frequency range of the ADRF6720-27 can be
extended above 3000 MHz using the external 1x LO through
the polyphase filter. Above the specified RF frequency range of
3000 MHz, loss from internal balun results in output power
drop and output IP2 and IP3 degradation, accordingly. See
Figure 56 for a plot of typical SSB output power, second- and
third-order harmonics, carrier feedthrough, sideband
suppression, OIP2, and OIP3 performance from 3000 MHz to
4000 MHz above operating frequency.
Figure 56. Typical SSB Output Power, Second- and Third-Order Harmonics,
Carrier Feedthrough, Sideband Suppression, OIP2, and OIP3 Performance
Above Operating Frequency; Baseband I/Q Amplitude = 0.6 V p-p Differential
for OIP2, and OIP3, 1 V p-p Differential for POUT, Sideband Suppression, HD2,
HD3, Carrier Feedthrough, 25°C
SPURIOUS PERFORMANCE
Figure 57 to Figure 60 show typical spurious emission of the
PFD harmonics at the RF output (fLO ± N × fPFD). As shown in
Figure 57 to Figure 60, the ADRF6720-27 typically achieves
better than −90 dBc/Hz PFD harmonic spurious emissions at
most offsets. If required, the spurious emission profile shown in
Figure 57 to Figure 60 can be tailored to each individual
application by selecting a combination of PLL reference
frequency, PFD frequency, and LO frequency in order to ensure
that the higher spurious emissions fall out of the band of
interest. For more information, contact application support.
Figure 57. PFD Spurious Emissions on Modulator Output, fLO − N × fPFD;
fLO = 1036.8 MHz, RFOUT ≈ 4 dBm at 25°C, fREF = 61.44 MHz at 4 dBm, fPFD =
15.36 MHz, Integer PLL Mode
Figure 58. PFD Spurious Emissions on Modulator Output, fLO − N × fPFD;
fLO = 1128.96 MHz, RFOUT ≈ 4 dBm at 25°C, fREF = 61.44 MHz at 4 dBm, fPFD =
15.36 MHz, Integer PLL Mode
Figure 59. PFD Spurious Emissions on Modulator Output, fLO + N × fPFD;
fLO = 1658.88 MHz, RFOUT ≈ 4 dBm at 25°C, fREF = 61.44 MHz at 4 dBm, fPFD =
15.36 MHz, Integer PLL Mode
–20
–10
0
10
20
30
40
50
60
70
–80
–70
–60
–50
–40
–30
–20
–10
0
10
2.4
2.5
2.6
2.7
2.8
2.9
3.0
BASEBAND COMMON-MODE VOLTAGE (V)
SSB OUTPUT POWER (dBm)
OUTPUT IP2 (dBm)
OUTPUT IP3 (dBm)
SIDEBAND SUPPRESSION (dBc)
CARRIER FEEDTHTOUGH (dBm)
SECOND HARMONIC (dBc)
THIRD HARMONIC (dBc)
–10
0
10
20
30
40
50
60
70
–70
–60
–50
–40
–30
–20
–10
0
10
2800
3000
3200
3400
3600
3800
4000
LO FREQUENCY (MHz)
SSB OUTPUT POWER (dBm)
OUTPUT IP2 (dBm)
OUTPUT IP3 (dBc)
CARRIER FEEDTHROUGH (dBm)
SIDEBAND SUPPRESSION (dBc)
THIRD HARMONIC (dBc)
SECOND HARMONIC (dBc)
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
700
750
800
850
900
950
1000
1050
LO
N = 1
N = 8
N = 20
TA = –40°C
TA = +25°C
TA = +85°C
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
800
850
900
950
1000
1050
1100
1150
LO
N = 1
N = 8
N = 20
TA = –40°C
TA = +25°C
TA = +85°C
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
1650
1700
1750
1800
1850
1900
1950
2000
LO
N = 20
N = 8
N = 1
TA = –40°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com