Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 36 of 43
Table 21. Bit Descriptions for CP_CTL
Bits
Bit Name
Settings
Description
Reset
Access
14
CP_SEL
Charge Pump Reference Current Select.
0x0
RW
0
Internal Charge Pump.
1
External Charge Pump.
[13:10]
CP_CSCALE
Charge Pump Coarse Scale Current.
0x3
RW
0001
250 µA.
0011
500 µA.
0111
750 µA.
1111
1000 µA.
[5:0]
CP_BLEED
Charge Pump Bleed.
0x26
RW
000000
0 µA
000001
15.625 µA Sink.
000010
31.25 µA Sink.
000011
46.875 µA Sink.
…
011111
484.375 µA Sink.
100000
0 µA.
100001
15.625 µA Source.
100010
31.25 µA Source.
100011
46.875 µA Source.
…
111111
484.375 µA Source.
Address: 0x21, Reset: 0x000B, Name: PFD_CTL
Table 22. Bit Descriptions for PFD_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
REF_MUX_SEL
Reference (REF) Output Mux Select.
0x0
RW
000
LOCK_DET.
001
VPTAT.
010
REFCLK.
011
REFCLK/2.
100
REFCLK × 2.
101
REFCLK/8.
110
REFCLK/4.
3
PFD_POLARITY
Set PFD Polarity.
0x1
RW
0
Positive.
1
Negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com