Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 21 of 43
BASEBAND
The baseband inputs are designed to work with a 2.68 V
common-mode voltage. To match the 100 Ω impedance of the
DAC, place a shunt 100 Ω external resistor across the I and Q
inputs.
The voltages applied to the differential baseband inputs (I+, I−,
Q+, and Q−) drive the V-to-I stage that converts baseband
voltages into currents. The converted modulated signal current
feeds the modulator mixer core.
A programmable dc current can be added to both the I and Q
channels to null any carrier feedthrough at the RF output. Refer
to the Carrier Feedthrough Nulling section for more
information
The linearity can be optimized by adding the amplitude and
phase correction signals to the current output via the MOD_RSEL
(Register 0x31[12:6]) and MOD_CSEL (Register 0x31[5:0])
adjustment. Refer to the Linearity section for more information.
ACTIVE MIXERS
The ADRF6720-27 has two double balanced mixers: one for the
in-phase channel (I channel) and the other for the quadrature
channel (Q channel). They upconvert the modulated baseband
signal currents by the LO signals to the RF.
Tunable RFOUT Balun
The ADRF6720-27 integrates a programmable balun operating
over a frequency range from 700 MHz to 3000 MHz. It offers
single-ended-to-differential conversion and provides additional
common-mode noise rejection.
The capacitors at the input and output of the balun in parallel
with the inductive windings of the balun change the resonant
frequency of the inductor capacitor (LC) tank. Therefore,
selecting the proper combination of BAL_CIN (Register 0x30[3:0])
and BAL_COUT (Register 0x30[7:4]) sets the desired frequency
and optimizes gain. Under most circumstances, it is suggested to
set BAL_CIN and BAL_COUT over the frequency profile given
in Table 12. However, for matching reasons, it is advantageous
to tune the registers independently.
Figure 43. Integrated Tunable Balun
Table 12. Optimum Balun Setting For Desired Frequency
Range
BAL_CIN
BAL_COUT
Frequency Range (MHz)
0
0
fRF > 1730
1
0
1550 < fRF < 1730
2
0
1380 < fRF < 1550
3
0
1250 < fRF < 1380
4
0
1170 < fRF < 1250
8
0
1100 < fRF < 1170
9
0
1020 < fRF < 1100
10
0
970 < fRF < 1020
11
0
930 < fRF < 970
12
0
890 < fRF < 930
13
0
840 < fRF < 890
14
0
820 < fRF < 840
15
0
780 < fRF < 820
15
3
730 < fRF < 780
15
8
680 < fRF < 730
15
11
630 < fRF < 680
15
15
fRF < 630
ENBL
The ENBL pin quickly enables/disables the RF output. The
circuit blocks that are enabled/disabled with the ENBL pin can
be programmed by setting the appropriate bits in the enables
register (Register 0x01) and the ENBL_MASK register
(Register 0x10). When the bits in the enables and the
ENBL_MASK register are 1, pulling the ENBL pin low disables
and pulling high enables the internal blocks more quickly than
possible with an SPI write operation.
Table 13. Enable/Disable Settings
Register
0x01
Enables
Bit1
Register 0x10
ENBL_MASK
Bit1
ENBL Pin
Voltage
State
0
X2
X2
Block controlled
by Register 0x01
enables bit [A]
disabled. No effect
by ENBL.
1
0
X2
Block controlled
by Register 0x01
enables bit [A]
enabled. No effect
by ENBL.
1
1
>1.8 V
Block controlled
by Register 0x01
enables bit [A]
enabled.
1
1
<0.5 V
Block controlled
by Register 0x01
enables bit [A]
disabled
1
This bit refers to any of the 11 bits in the register.
2
X = don’t care.
BAL_COUT
REG 0x30[7:4]
BAL_CIN
REG 0x30[3:0]
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com