Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 27 of 43
Figure 51. Sideband Suppression Before and After Nulling Using I_LO and
Q_LO Through External Adjustment; LO = 2140 MHz
LINEARITY
The linearity in ADRF6720-27 can be optimized through the
MOD_RSEL (Register 0x31[12:6]) and MOD_CSEL
(Register 0x31[5:0]) settings. The resistance and capacitance
curves as a function of the MOD_RSEL and MOD_CSEL
settings. These settings control the amount of antiphase
distortion to the baseband input stages to correct for distortion.
The top two bits (Register 0x31[12:11]) of MOD_RSEL and the
MSB (Register 0x31[5]) of MOD_CSEL are used as a range
setting. Figure 52 and Figure 53 show the output IP3 and
output IP2 that are achievable across the MOD_RSEL and
MOD_CSEL settings.
Figure 52 and Figure 53 show both a surface and a contour plot in
one figure. The contour plot is located directly underneath the
surface plot. The peaks on the surface plot indicate the maximum
output IP3 and maximum output IP2, and the same color pattern
on the contour plot determines the optimized MOD_RSEL and
MOD_CSEL values. The overall shape of the output IP3 plot varies
with the MOD_RSEL setting more than the MOD_CSEL setting.
Figure 52. OIP3 vs. MOD_CSEL and MOD_RSEL at fRF = 2140 MHz,
I/Q Amplitude Per Tone = 0.3 V p-p Differential
Figure 53. OIP2 vs. MOD_CSEL and MOD_RSEL at fRF = 2140 MHz,
I/Q Amplitude per Tone = 0.3 V p-p Differential
LO AMPLITUDE AND COMMON-MODE VOLTAGE
The typical External LO driving level of the ADRF6720-27 is
0 dBm differential. All the baseband inputs must be externally
dc biased to 2.68 V. Figure 54 and Figure 55 show the performance
variation vs. the external LO amplitude and baseband common-
mode voltage, respectively.
Figure 54. SSB Output Power, Second- and Third-Order Harmonics, Carrier
Feedthrough, Sideband Suppression, OIP2, and OIP3 vs. External LO
Amplitude; Baseband I/Q Amplitude = 0.6 V p-p Differential for OIP2, and
OIP3, 1 V p-p Differential for POUT, Sideband Suppression, HD2, HD3, Carrier
Feedthrough, fOUT = 2140 MHz, 25°C
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LO FREQUENCY (MHz)
400
900
1400
1900
2400
BEFORE NULLING
AFTER NULLING BY I_LO AND Q_LO IN ADRF6720–27
AFTER NULLING EXTERNALLY
_
_
_
_
–10
0
10
20
30
40
50
60
70
–70
–60
–50
–40
–30
–20
–10
0
10
–10
–5
0
5
10
EXTERNAL LO AMPLITUDE (dBm)
SSB OUTPUT POWER (dBm)
OUTPUT IP2 (dBm)
OUTPUT IP3 (dBc)
CARRIER FEEDTHROUGH (dBm)
SIDEBAND SUPPRESSION(dBc)
THIRD HARMONIC (dBc)
SECOND HARMONIC (dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com