Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 11 of 43
TYPICAL PERFORMANCE CHARACTERISTICS
VPOSx = 3.3 V; TA = 25°C; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a 2.68 V dc bias; baseband I/Q
frequency (fBB) = 1 MHz; fPFD = 38.4 MHz; fREF = 153.6 MHz at 4 dBm referred to 50 Ω (1 V p-p); 20 kHz loop filter, unless otherwise noted.
Figure 4. Single Sideband (SSB) Output Power (POUT) vs. LO Frequency (fLO)
and Temperature; Multiple Devices Shown
Figure 5. SSB 1 dB Output Compression Point (OP1dB) vs. LO Frequency (fLO)
and Temperature; Multiple Devices Shown
Figure 6. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature Before
Nulling; Multiple Devices Shown
Figure 7. SSB Output Power (POUT) vs. LO Frequency (fLO) and Supply
Figure 8. SSB 1 dB Output Compression Point (OP1dB) vs. LO Frequency (fLO)
and Supply
Figure 9. Carrier Feedthrough vs. LO Frequency (fLO) and Temperature After
Nulling Using DCOFF_I and DCOFF_Q at 25°C; Multiple Devices Shown
–10
–8
–6
–4
–2
0
2
4
6
8
10
400
900
1400
1900
2400
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
0
2
4
6
8
10
12
14
16
400
900
1400
1900
2400
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
400
900
1400
1900
2400
–4
–2
0
2
4
6
8
10
LO FREQUENCY (MHz)
400
900
1400
1900
2400
3.15
3.30
3.45
0
2
4
6
8
10
12
14
LO FREQUENCY (MHz)
400
900
1400
1900
2400
3.15
3.30
3.45
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LO FREQUENCY (MHz)
400
900
1400
1900
2400
TA = –40°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com