Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 22 of 43
SERIAL PORT INTERFACE
The SPI of the ADRF6720-27 allows the user to configure the
device for specific functions or operations via a 3-pin SPI port.
This interface provides users with added flexibility and
customization. The SPI consists of three control lines: SCLK,
SDIO, and CS. The timing requirements for the SPI port are
shown in Table 2.
The ADRF6720-27 protocol consists of seven register address
bits, followed by a read/write and 16 data bits. Both the address
and data fields are organized with the most significant bit
(MSB) first, and end with the least significant bit (LSB).
On a write cycle, up to 16 bits of serial write data are shifted in,
MSB to LSB. If the rising edge of CS occurs before the LSB of
the serial data is latched, only the bits that were latched are
written to the device. If more than 16 data bits are shifted in, the
16 most recent bits are written to the device. The ADRF6720-27
input logic level for the write cycle supports an interface as low
as 1.4 V.
On a read cycle, up to 16 bits of serial read data are shifted out,
MSB first. Data shifted out beyond 16 bits is undefined.
Readback content at a given register address does not
necessarily correspond with the write data of the same address.
The output logic level for a read cycle is 2.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com