Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 32 of 43
REGISTER MAP
Table 14. ADRF6720-27 Register Map
Reg Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset
RW
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00 SOFT_RESET [15:8]
RESERVED
0x0000 W
[7:0]
RESERVED
SOFT_RESET
0x01
ENABLES
[15:8]
RESERVED
LO_1XVCO_EN
MOD_EN
QUAD_DIV_EN
LO_DRV2X_EN
0xF67F RW
[7:0]
LO_DRV1X_EN
VCO_MUX_EN
REF_BUF_EN
VCO_EN
DIV_EN
CP_EN
VCO_LDO_EN
RESERVED
0x02
INT_DIV
[15:8]
RESERVED
DIV_MODE
INT_DIV[10:8]
0x002C RW
[7:0]
INT_DIV[7:0]
0x03
FRAC_DIV
[15:8]
FRAC_DIV[15:8]
0x0128 RW
[7:0]
FRAC_DIV[7:0]
0x04
MOD_DIV
[15:8]
MOD_DIV[15:8]
0x0600 RW
[7:0]
MOD_DIV[7:0]
0x10 ENBL_MASK [15:8]
RESERVED
LO_1XVCO_MASK MOD_MASK QUAD_DIV_MASK LO_DRV2X_MASK 0xF67F RW
[7:0] LO_DRV1X_MASK VCO_MUX_MASK REF_BUF_MASK VCO_MASK
DIV_MASK
CP_MASK
VCO_LDO_MASK
RESERVED
0x20
CP_CTL
[15:8]
RESERVED
CP_SEL
CP_CSCALE
RESERVED
0x0C26 RW
[7:0]
RESERVED
CP_BLEED
0x21
PFD_CTL
[15:8]
RESERVED
0x000B RW
[7:0]
RESERVED
REF_MUX_SEL
PFD_POLARITY
REF_SEL
0x22
VCO_CTL
[15:8]
VCO_LDO_R4SEL
VCO_LDO_R2SEL
0x2A03 RW
[7:0]
LO_DRV_LVL
DRVDIV2_EN
DIV8_EN
DIV4_EN
VCO_SEL
0x30 BALUN_CTL [15:8]
RESERVED
0x0000 RW
[7:0]
BAL_COUT
BAL_CIN
0x31 MOD_LIN_CTL [15:8]
RESERVED
MOD_RSEL[6:2]
0x1101 RW
[7:0]
MOD_RSEL[1:0]
MOD_CSEL
0x32
MOD_CTL0
[15:8]
RESERVED
MOD_BLEED
POL_Q
POL_I
0x0900 RW
[7:0]
Q_LO
I_LO
0x33
MOD_CTL1
[15:8]
DCOFF_I
0x0000 RW
[7:0]
DCOFF_Q
0x40 PFD_CP_CTL [15:8]
RESERVED
0x0010 RW
[7:0]
RESERVED
ABLDLY
CP_CTRL
PFD_CLK_EDGE
0x42
DITH_CTL1
[15:8]
RESERVED
0x000E RW
[7:0]
RESERVED
DITH_EN
DITH_MAG
DITH_VAL
0x43
DITH_CTL2
[15:8]
DITH_VAL[15:8]
0x0000 RW
[7:0]
DITH_VAL[7:0]
0x45
VCO_CTL2
[15:8]
RESERVED
VTUNE_CTRL
0x0000 RW
[7:0] VCO_BAND_SRC
BAND
0x49
VCO_CTL3
[15:8]
RESERVED
SET_1
SET_0[8]
0x16BD RW
[7:0]
SET_0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com