Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 42 of 43
Address: 0x45, Reset: 0x0000, Name: VCO_CTL2
Table 31. Bit Descriptions for VCO_CTL2
Bits
Bit Name
Settings
Description
Reset
Access
[9:8]
VTUNE_CTRL
Source for VCO VTUNE Pin.
0x0
RW
00
Band Calibration Routine.
01
SPI.
7
VCO_BAND_SRC
VCO Band Source
0x0
RW
0
Band Calibration Routine.
1
SPI.
[6:0]
BAND
VCO Band Selection.
0x00
RW
Address: 0x49, Reset: 0x16BD, Name: VCO_CTL3
Table 32. Bit Descriptions for VCO_CTL3
Bits
Bit Name
Settings
Description
Reset
Access
[13:9]
SET_1
Internal Settings. Refer to the Required PLL/VCO Settings and Register
Write Sequence section.
0x0B
RW
[8:0]
SET_0
Internal Settings. Refer to the Required PLL/VCO Settings and Register
Write Sequence section.
0x0BD
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com