Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 5 of 43
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q amplitude
per tone = 0.3 V p-p differential
27.9
dBm
Noise Floor
I/Q input with 2.68 V dc bias and no RF output, 20 MHz carrier
offset
−158.6
dBm/Hz
I/Q input with 2.68 V dc bias and −10 dBm RF output, 20 MHz
carrier offset
−157.3
dBm/Hz
SYNTHESIZER SPECIFICATIONS
Synthesizer specifications referenced to the modulator output
Figure of Merit (FOM)1
−218.5
dBc/Hz/Hz
REFERENCE CHARACTERISTICS
REFIN, MUXOUT pins
REFIN Input Frequency
5.7
320
MHz
REFIN Input Amplitude
4
dBm
Phase Detector Frequency
11.4
40
MHz
MUXOUT Output Level
Low (lock detect output selected)
0.25
V
High (lock detect output selected)
2.7
V
MUXOUT Duty Cycle
50
%
CHARGE PUMP
Charge Pump Current
Programmable to 250 µA, 500 µA, 750 µA, or 1000 µA
1000
µA
Output Compliance Range
1
2.8
V
PHASE NOISE, FREQUENCY =
460 MHz, fPFD = 38.4 MHz
Closed-loop operation (20 kHz loop filter, see Figure 44 for loop
filter design)
10 kHz offset
−102.1
dBc/Hz
100 kHz offset
−125.2
dBc/Hz
1 MHz offset
−144.4
dBc/Hz
5 MHz offset
−149.6
dBc/Hz
10 MHz offset
−150.8
dBc/Hz
20 MHz offset
−150.6
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth, with spurs
0.09
°rms
Reference Spurs
fPFD
−97.7
dBc
fPFD × 2
−93.3
dBc
fPFD × 3
−91.5
dBc
fPFD × 4
−96.2
dBc
PHASE NOISE, FREQUENCY =
940 MHz, fPFD = 38.4 MHz
Closed-loop operation (20 kHz loop filter, see Figure 44 for loop
filter design)
10 kHz offset
−97.9
dBc/Hz
100 kHz offset
−121.3
dBc/Hz
1 MHz offset
−144.3
dBc/Hz
5 MHz offset
−153.7
dBc/Hz
10 MHz offset
−154.3
dBc/Hz
20 MHz offset
−154.7
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth, with spurs
0.15
°rms
Reference Spurs
fPFD
−99.2
dBc
fPFD × 2
−92.3
dBc
fPFD × 3
−95.2
dBc
fPFD × 4
−101.3
dBc
PHASE NOISE, FREQUENCY =
1900 MHz, fPFD = 38.4 MHz
Closed-loop operation (20 kHz loop filter, see Figure 44 for loop
filter design)
10 kHz offset
−92.2
dBc/Hz
100 kHz offset
−114.8
dBc/Hz
1 MHz offset
−139.8
dBc/Hz
5 MHz offset
−151.4
dBc/Hz
10 MHz offset
−152.8
dBc/Hz
20 MHz offset
−153.4
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth, with spurs
0.31
°rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com