Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 26 of 43
BASEBAND BANDWIDTH
The ADRF6720-27 can be used with a DAC generating a
complex IF (CIF), as well as a zero IF signal (ZIF). The 1 dB
bandwidth of the ADRF6720-27 is more than 1000 MHz.
Figure 48 shows the baseband frequency response of
ADRF6720-27, facilitating high CIF and providing sufficient
flat bandwidth for digital predistortion (DPD) algorithms. Any
flatness variations across frequency at the ADRF6720-27 RF
output have been calibrated out of this measurement.
Figure 48. ADRF6720-27 Baseband Frequency Response
CARRIER FEEDTHROUGH NULLING
Carrier feedthrough results from minute dc offsets that occur
on the differential baseband inputs. In an I/Q modulator,
nonzero differential offsets mix with the LO and result in
carrier feedthrough to the RF output. In addition to this effect,
some of the signal power at the LO input couples directly to the
RF output (this may be as a result of bond wire to bond wire
coupling or coupling through the silicon substrate). The net
carrier feedthrough at the RF output is the vector combination
of the signals that appear at the output as a result of these two
effects.
The ADRF6720-27 has a feature to add dc current, positive or
negative, to both the I and Q channels for carrier feedthrough
nulling. Figure 49 shows carrier feedthrough vs. DCOFF_I
(Register 0x33[15:8]) and DCOFF_Q (Register 0x33[7:0]).
The carrier feedthrough nulling can also be accomplished
externally by a TxDAC.
Figure 49. Carrier Feedthrough Optimization Through DCOFF_I and
DCOFF_Q Adjustment
SIDEBAND SUPPRESSION OPTIMIZATION
Sideband suppression results from gain and phase imperfection
between the I and Q channels. Sideband suppression also results
from the quadrature error in generating quadrature LO signals.
The net unwanted sideband signal at the RF output is the vector
combination of the signals as a result of these effects.
The ADRF6720-27 offers quadrature phase adjustment through
the I_LO (Register 0x32[3:0]) and Q_LO (Register 0x32[7:4])
parameters to reject unwanted sideband signal.
Figure 50 shows the level of unwanted sideband signal
achievable from the ADRF6720-27 across the I_LO and Q_LO
parameters
If further optimization is required, the amplitude and phase
adjustments can be made externally by a TxDAC. The result of
this type of adjustment is shown in Figure 51.
Figure 50. Sideband Suppression Optimization Through I_LO and Q_LO
Adjustment; LO = 2140 MHz
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0
200
400
600
800
1000
BB FREQUENCY (MHz)
_
_
I_LO
Q_LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com