Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 6 of 43
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Reference Spurs
fPFD
−93.2
dBc
fPFD × 2
−86.8
dBc
fPFD × 3
−89.8
dBc
fPFD × 4
−101.7
dBc
PHASE NOISE, FREQUENCY =
2140 MHz, fPFD = 38.4 MHz
Closed-loop operation (20 kHz loop filter, see Figure 44 for loop
filter design)
10 kHz offset
−92.9
dBc/Hz
100 kHz offset
−116.2
dBc/Hz
1 MHz offset
−140.3
dBc/Hz
5 MHz offset
−150.7
dBc/Hz
10 MHz offset
−151.8
dBc/Hz
20 MHz offset
−152.5
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth, with spurs
0.29
°rms
Reference Spurs
fPFD
−91.3
dBc
fPFD × 2
−90.3
dBc
fPFD × 3
−85.6
dBc
fPFD × 4
−91.0
dBc
PHASE NOISE, FREQUENCY =
2300 MHz, fPFD = 38.4 MHz
Closed-loop operation (20 kHz loop filter, see Figure 44 for loop
filter design)
10 kHz offset
−94.6
dBc/Hz
100 kHz offset
−114.8
dBc/Hz
1 MHz offset
−139.0
dBc/Hz
5 MHz offset
−149.4
dBc/Hz
10 MHz offset
−151.1
dBc/Hz
20 MHz offset
−151.5
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth, with spurs
0.26
°rms
Reference Spurs
fPFD
−96.1
dBc
fPFD × 2
−91.9
dBc
fPFD × 3
−88.2
dBc
fPFD × 4
−94.8
dBc
PHASE NOISE, FREQUENCY =
2600 MHz, fPFD = 38.4 MHz
Closed-loop operation (20 kHz loop filter, see Figure 44 for loop
filter design)
10 kHz offset
−92.4
dBc/Hz
100 kHz offset
−111.4
dBc/Hz
1 MHz offset
−137.2
dBc/Hz
5 MHz offset
−147.7
dBc/Hz
10 MHz offset
−148.9
dBc/Hz
20 MHz offset
−149.9
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth, with spurs
0.36
°rms
Reference Spurs
fPFD
−95.5
dBc
fPFD × 2
−85.4
dBc
fPFD × 3
−93.4
dBc
fPFD × 4
−91.0
dBc
LO INPUT/OUTPUT
LO Output Frequency Range
1 × LO mode
356.25
2855
MHz
2 × LO mode
712.5
5710
MHz
LO Output Level
2 × LO or 1 × LO mode, into a 50 Ω load, LO buffer enabled at
2140 MHz
LO_DRV_LVL = 0
−5.8
dBm
LO_DRV_LVL = 1
−1.0
dBm
LO_DRV_LVL = 2
2.2
dBm
LO Input Level
Externally applied LO, PLL disabled
−6
0
+6
dBm
LO Input Impedance
Externally applied LO, PLL disabled
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com