Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 10 of 43
Pin No.
Mnemonic
Description
36
CP
Charge Pump Output.
37
GND
Charge Pump Ground.
38
GND
PLL Reference Ground.
39
REFIN
PLL Reference Input.
40
VPOS8
3.3 V Supply Voltage for PLL Reference. Decouple VPOS8 with 100 pF and 0.1 µF capacitors located close to the
pin.
EP
Exposed Pad. Solder the exposed pad to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com