Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6720-27ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 3 of 43
SPECIFICATIONS
VPOSx = 3.3 V, TA = 25°C; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a 2.68 V dc bias, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING FREQUENCY RANGE
RF output range
400
3000
MHz
Internal LO range
356.25
2855
MHz
External LO range
400
3000
MHz
RF OUTPUT = 460 MHz
Output Power, POUT
Baseband VIQ = 1 V p-p differential
−0.7
dBm
Modulator Voltage Gain
−4.68
dB
Output P1dB
6.1
dBm
Carrier Feedthrough
−53.0
dBm
Sideband Suppression
−50.2
dBc
Quadrature Error
0.18
Degrees
I/Q Amplitude Balance
0.023
dB
Second Harmonic
POUT − P(fLO ± (2 × fBB))
−77.1
dBc
Third Harmonic
POUT − P(fLO ± (3 × fBB))
−61.5
dBc
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q amplitude
per tone = 0.3 V p-p differential
58.1
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q amplitude
per tone = 0.3 V p-p differential
27.2
dBm
Noise Floor
I/Q input with 2.68 V dc bias and no RF output, 20 MHz carrier
offset
−161.2
dBm/Hz
I/Q input with 2.68 V dc bias and −10 dBm RF output, 20 MHz
carrier offset
−160.1
dBm/Hz
RF OUTPUT = 940 MHz
Output Power, POUT
Baseband VIQ = 1 V p-p differential
5.0
dBm
Modulator Voltage Gain
1.02
dB
Output P1dB
11.75
dBm
Carrier Feedthrough
−45.5
dBm
Sideband Suppression
−47.3
dBc
Quadrature Error
−0.05
Degrees
I/Q Amplitude Balance
0.022
dB
Second Harmonic
POUT − P(fLO ± (2 × fBB))
−69.5
dBc
Third Harmonic
POUT − P(fLO ± (3 × fBB))
−60.6
dBc
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q amplitude
per tone = 0.3 V p-p differential
65.8
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q amplitude
per tone = 0.3 V p-p differential
34.8
dBm
Noise Floor
I/Q input with 2.68 V dc bias and no RF output, 20 MHz carrier
offset
−158.2
dBm/Hz
I/Q input with 2.68 V dc bias and −10 dBm RF output, 20 MHz
carrier offset
−157.3
dBm/Hz
RF OUTPUT = 1900 MHz
Output Power, POUT
Baseband VIQ = 1 V p-p differential
4.5
dBm
Modulator Voltage Gain
0.52
dB
Output P1dB
11.4
dBm
Carrier Feedthrough
−37.5
dBm
Sideband Suppression
−40.4
dBc
Quadrature Error
1.21
Degrees
I/Q Amplitude Balance
0.006
dB
Second Harmonic
POUT − P(fLO ± (2 × fBB))
−65.0
dBc
Third Harmonic
POUT − P(fLO ± (3 × fBB))
−61.4
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com