Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 13 of 43
Figure 16. SSB Output Power, Second- and Third-Order Harmonics, Carrier
Feedthrough, and Sideband Suppression vs. Baseband Differential Input
Voltage (fOUT = 2600 MHz)
Figure 17. Closed-Loop Phase Noise vs. Offset Frequency and Temperature,
fLO = 1900 MHz; 20 kHz Loop Filter
Figure 18. Closed-Loop Phase Noise vs. Offset Frequency and Temperature,
fLO = 2300 MHz; 20 kHz Loop Filter
Figure 19. Closed-Loop Phase Noise vs. Offset Frequency and Temperature,
fLO = 940 MHz; 20 kHz Loop Filter
Figure 20. Closed-Loop Phase Noise vs. Offset Frequency and Temperature,
fLO = 2140 MHz; 20 kHz Loop Filter
Figure 21. Closed-Loop Phase Noise vs. Offset Frequency and Temperature,
fLO = 2600 MHz; 20 kHz Loop Filter
–20
–15
–10
–5
0
5
10
15
20
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
SIDEBAND
SUPPRESSION (dBc)
SECOND-ORDER
DISTORTION (dBc)
CARRIER
FEEDTHROUGH (dBm)
BASEBAND INPUT VOLTAGE (Vp-p Differential)
THIRD-ORDER
DISTORTION (dBc)
SSB OUTPUT
POWER (dBm)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
TA = –40°C
TA = +25°C
TA = +85°C
1k
10k
100k
1M
10M
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
OFFSET FREQUENCY (Hz)
TA = –40°C
TA = +25°C
TA = +85°C
1k
10k
100k
1M
10M
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
OFFSET FREQUENCY (Hz)
TA = –40°C
TA = +25°C
TA = +85°C
1k
10k
100k
1M
10M
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
OFFSET FREQUENCY (Hz)
TA = –40°C
TA = +25°C
TA = +85°C
1k
10k
100k
1M
10M
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
OFFSET FREQUENCY (Hz)
TA = –40°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com