Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 29 of 43
Figure 60. PFD Spurious Emissions on Modulator Output, fLO + N × fPFD;
fLO = 1781.76 MHz, RFOUT ≈ 4 dBm at 25°C, fREF = 61.44 MHz at 4 dBm, fPFD =
15.36 MHz, Integer PLL Mode
LAYOUT
Solder the exposed pad on the underside of the ADRF6720-27
to a low thermal and electrical impedance ground plane. This
pad is typically soldered to an exposed opening in the solder
mask on the evaluation board. Notice the use of 25 via holes on
the exposed pad of the ADRF6720-27 evaluation board.
Connect these ground vias to all other ground layers on the
evaluation board to maximize heat dissipation from the device
package.
Figure 61. Evaluation Board Layout for the ADRF6720-27 Package
LO
N = 8
N = 1
N = 20
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
2050
2100
2150
1750
1800
1850
1900
1950
2000
TA = –40°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com