Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 15 of 43
Figure 28. Integrated Phase Noise with Spurs vs. LO Frequency and
Temperature
Figure 29. Open-Loop VCO Phase Noise for VCO 0 Measured at 2302.24 MHz,
2578.49 MHz, and 2858.07 MHz (VCO ÷ 2)
Figure 30. Open-Loop VCO Phase Noise for VCO 2 Measured at 1750.79 MHz,
1880.53 MHz, and 2011.44 MHz (VCO ÷ 2)
Figure 31. VTUNE vs. VCO Frequency and Temperature
Figure 32. Open-Loop VCO Phase Noise for VCO 1 Measured at 2009.39 MHz,
2156.68 MHz, and 2303.74 MHz (VCO ÷ 2)
Figure 33. Open-Loop VCO Phase Noise for VCO 3 Measured at 1425.84 MHz,
1588.9 MHz, and 1750.85 MHz (VCO ÷ 2)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
LO FREQUENCY (MHz)
400
900
1400
1900
2400
TA = –40°C
TA = +25°C
TA = +85°C
–160
–140
–120
–100
–80
–60
–40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
2858.07MHz
2578.49MHz
2302.24MHz
–160
–140
–120
–100
–80
–60
–40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
2011.44MHz
1880.53MHz
1750.79MHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2800
3300
3800
4300
4800
5300
5800
VCO FREQUENCY (MHz)
–160
–140
–120
–100
–80
–60
–40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
2303.74MHz
2156.68MHz
2009.39MHz
–160
–140
–120
–100
–80
–60
–40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
1750.85MHz
1588.9MHz
1425.84MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com