Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 30 of 43
CHARACTERIZATION SETUPS
The primary setup used to characterize the ADRF6720-27 is
shown in Figure 62. This setup was used to evaluate the product
as a single-sideband modulator. An automated software
program (VEE) was used to control equipment over the IEEE
bus. The setup was used to measure SSB, OIP2, OIP3, output
P1 dB (OP1dB), LO, and sideband suppression null.
For phase noise and reference spur measurements, see the phase
noise setup shown in Figure 63. Phase noise was measured on
an LO and modulator output.
Figure 62. General Characterization Setup
AEROFLEX IFR 3416 FREQUENCY GENERATOR
(WITH BASEBAND OUTPUTS AT 1MHz)
34980A
WITH 34950 AND (×3) 34921 MODULES
ROHDE & SCHWARZ SMT 06 SIGNAL GENERATOR
(REFIN)
SPECTRUM ANALYZER
ADRF6720-27 TEST RACK ASSEMBLY (INTERNAL VCO CONFIGURATION)
ALL INSTRUMENTS ARE CONNECTED IN DAISY-CHAIN
FASHION VIA GBIP CABLE UNLESS OTHERWISE NOTED.
+3.3V FOR
VPOS TO 34950
MODULE
BASEBAND INPUTS AT 1MHz
12-PIN
CONNECTOR
(REGISTER
PROGRAMMING)
20-PIN CONNECTOR
DC HEADER
RFOUT
REFIN
E3631A POWER SUPPLY
(+6V ADJUSTED TO 5V)
PROGRAMMING
AND DC CABLE
(×4 FOR MULTISITE)
OUTPUT (REF)
INPUT
(RFOUT)
34401A DMM (FOR SUPPLY
CURRENT MEASUREMENT)
BASEB AND OUTPUTS
(I–, I+, Q–, Q+)
6dB
ADRF6720-27
EVALUATION BOARD
AGILENT MXA N9020A
PC CONTROL
CONNECTED TO SYSTEM VIA USB TO GPIB ADAPTER
KEITHLEY S46 SWITCH SYSTEM
(FOR RFOUT AND REFIN ON 4 SITES)
KEITHLEY S46 SWITCH SYSTEM
(FOR BASEBAND INPUTS ON 4 SITES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com