Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 28 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 28 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 24Page - Microchip Technology UCS1002-2 Datasheet HTML 25Page - Microchip Technology UCS1002-2 Datasheet HTML 26Page - Microchip Technology UCS1002-2 Datasheet HTML 27Page - Microchip Technology UCS1002-2 Datasheet HTML 28Page - Microchip Technology UCS1002-2 Datasheet HTML 29Page - Microchip Technology UCS1002-2 Datasheet HTML 30Page - Microchip Technology UCS1002-2 Datasheet HTML 31Page - Microchip Technology UCS1002-2 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
28
SMSC UCS1002
DATASHEET
4.2
SMBus Operating Mode
When the COMM_SEL / ILIM pin is connected to directly to ground or though a pull-down resistor with
a value of 33k
Ω or below as listed in Table 4.1, "UCS1002 Communication Mode and ILIM Selection",
the UCS1002 communicates via the SMBus or I2C communications protocols.
APPLICATION NOTE: Upon power-up, the UCS1002 will not respond to any SMBus communications for 5.5 ms.
After this time, full functionality is available.
APPLICATION NOTE: When in the Sleep state, the first SMBus read command sent to the UCS1002 device
address will wake it. Any data sent to the UCS1002 will be ignored and any data read from
the UCS1002 should be considered invalid. The UCS1002 will be fully functional 3 ms after
this first read command is sent. See Section 5.1.2.
4.2.1
System Management Bus
In SMBus mode, the UCS1002 communicates with a host controller, such as an SMSC SIO. The
SMBus is a two-wire serial communication protocol between a computer host and its peripheral
devices. A detailed timing diagram is shown in Figure 4.1. Stretching of the SMCLK signal is supported;
however, the UCS1002 will not stretch the clock signal.
4.2.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the SMBus data line from a logic ‘1’ state to a logic
‘0’ state while the SMBus clock line is in a logic ‘1’ state.
4.2.1.2
SMBus Address and RD / WR Bit
The SMBus Address Byte consists of the 7-bit client address followed by the RD / WR indicator bit. If
this RD / WR bit is a logic ‘0’, the SMBus host is writing data to the client device. If this RD / WR bit
is a logic ‘1’, the SMBus host is reading data from the client device.
The SMBus address is determined based on the resistor connected on the SEL pin as shown in
Table 4.2.
APPLICATION NOTE: If it is necessary to connect the SEL pin to VDD via a resistor, the pull-up resistor may be
any value up to 100 k
Ω.
Figure 4.1 SMBus Timing Diagram
SMDATA
SMCLK
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
T HIGH
T LOW
T HD:STA
T SU:STO
T HD:STA
T HD:DAT
T SU:DAT
T SU:STA
T FALL
T RISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com