Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 97 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 97 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 93Page - Microchip Technology UCS1002-2 Datasheet HTML 94Page - Microchip Technology UCS1002-2 Datasheet HTML 95Page - Microchip Technology UCS1002-2 Datasheet HTML 96Page - Microchip Technology UCS1002-2 Datasheet HTML 97Page - Microchip Technology UCS1002-2 Datasheet HTML 98Page - Microchip Technology UCS1002-2 Datasheet HTML 99Page - Microchip Technology UCS1002-2 Datasheet HTML 100Page - Microchip Technology UCS1002-2 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
97
Revision 1.4 (07-16-13)
DATASHEET
10.12.5
Emulation Stimulus X - Config 3 - 33h, 37h, 3Bh
The contents of this register are retained in Sleep.
APPLICATION NOTE: The Legacy charger emulation profiles do not use these settings. Whenever a Legacy
charger emulation profile is applied within the DCE Cycle, these controls will not be updated
and should be ignored. These settings are only used by the BC1.2 CDP and DCP charger
emulation profiles.
Bits 5 - 4 - SX_PUPD[1:0] - Determines the magnitude of the pull-down current applied on the DPOUT
and DMOUT pins when the stimulus response is to apply a voltage and the voltage magnitude is set
at pull-down (0000b). The bit decode is given in Table 10.34.
Bits 3 - 0 - SX_TH[3:0] - Defines the threshold value, as shown in Table 10.35, for the specified
stimulus. If the stimulus is VBUS voltage is ready to be applied or applied (i.e., STIMX[2:0] = 000b or
111b), the threshold value is ignored.
0111
700 mV
1000
800 mV
1001
900 mV
1010
1400 mV
1011
1600 mV
1100
1800 mV
1101
2000 mV
1110
2200 mV
1111
Do not use
Table 10.34 Pull-Down Magnitude
SX_PUPD
PULL-DOWN CURRENT
10
00
10
μA
01
50
μA
10
100
μA
11
150
μA
Table 10.33 Stimulus Response Voltage Options (continued)
SX_RXMAG[3:0] SETTING
VOLTAGE ON DPOUT / DMOUT
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com