Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 81 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 81 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 77Page - Microchip Technology UCS1002-2 Datasheet HTML 78Page - Microchip Technology UCS1002-2 Datasheet HTML 79Page - Microchip Technology UCS1002-2 Datasheet HTML 80Page - Microchip Technology UCS1002-2 Datasheet HTML 81Page - Microchip Technology UCS1002-2 Datasheet HTML 82Page - Microchip Technology UCS1002-2 Datasheet HTML 83Page - Microchip Technology UCS1002-2 Datasheet HTML 84Page - Microchip Technology UCS1002-2 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
81
Revision 1.4 (07-16-13)
DATASHEET
Bit 0 - LATCH_SET - In SMBus mode, controls the fault handling routine that is used in the case that
an error is detected (see Section 5.3.5, "Latch Input").
‘0’ (default) - The UCS1002 will automatically retry when an error condition is detected.
‘1’ - The UCS1002 will latch its error conditions. In order for the device to return to normal Active
state, the ERR bit must be cleared by the user.
10.4.4
Attach Detection Configuration - 18h
The contents of this register are retained in Sleep.
Bit 7 - RESERVED - Do not change. This bit will read ‘0’ and should not be written to a logic ‘1’.
Bit 6 - RESERVED - Do not change. This bit will read ‘1’ and should not be written to a logic ‘0’.
Bit 5 - RESERVED - Do not change. This bit will read ‘0’ and should not be written to a logic ‘1’.
Bit 4 - RESERVED - Do not change. This bit will read ‘0’ and should not be written to a logic ‘1’.
Bits 3 - 2 - DISCHG_TIME_SEL[1:0] - Sets the tDISCHARGE time as shown in Table 10.9.
Bits 1 - 0 - ATT_TH[1:0] - Determines the Attach Detection threshold (IDET_QUAL) and Removal
Detection thresholds (IREM_QUAL_DET and IREM_QUAL_ACT) as shown in Table 10.10.
APPLICATION NOTE: The removal threshold is different when operating in the Active power state versus when
operating in the Detect power state.
Table 10.9 Discharge Time Options
DISCHG_TIME_SEL[1:0]
TDISCHARGE
10
00
100 ms
0
1
200 ms (default)
10
300 ms
11
400 ms
Table 10.10 Attach / Removal Detection Threshold Options
ATT_TH[1:0]
ATTACH THRESHOLD /
REMOVAL THRESHOLD
(DETECT STATE)
REMOVAL THRESHOLD
(ACTIVE STATE)
10
00
200
μA100 μA
01
400
μA
300
μA
10
800
μA (default)
700
μA (default)
1
1
1000
μA
900
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com