Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 60 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 60 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 56Page - Microchip Technology UCS1002-2 Datasheet HTML 57Page - Microchip Technology UCS1002-2 Datasheet HTML 58Page - Microchip Technology UCS1002-2 Datasheet HTML 59Page - Microchip Technology UCS1002-2 Datasheet HTML 60Page - Microchip Technology UCS1002-2 Datasheet HTML 61Page - Microchip Technology UCS1002-2 Datasheet HTML 62Page - Microchip Technology UCS1002-2 Datasheet HTML 63Page - Microchip Technology UCS1002-2 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
60
SMSC UCS1002
DATASHEET
Chapter 9 Active State
9.1
Active State Overview
The UCS1002 has the following modes of operation in the Active state: Data Pass-through, BC1.2
DCP, BC1.2 SDP, BC1.2 CDP, and Dedicated Charger Emulation Cycle. The current limiting mode
depends on the Active mode behavior (see Table 9.2, "Current Limit Mode Options").
9.2
Active Mode Selection
The Active mode selection is controlled by three controls: EM_EN, M1, and M2, as shown in Table 9.1.
Note 9.1
BC1.2 SDP behaves the same as the Data Pass-through mode with the exception that it
is preceded by a VBUS discharge when the mode is entered per the BC1.2 specification.
9.3
BC1.2 Detection Renegotiation
The BC1.2 specification allows a charger to act as an SDP, CDP, or DCP and to change between these
roles. To force an attached portable device to repeat the charging detection procedure, VBUS must be
cycled. In compliance with this specification, the UCS1002 automatically cycles VBUS when switching
between the BC1.2 SDP, BC1.2 DCP, and BC1.2 CDP modes.
9.4
Data Pass-through (No Charger Emulation)
When commanded to Data Pass-through mode, UCS1002 will close its USB high-speed data switch
to allow USB communications between a portable device and host controller and will operate using trip
current limiting. No charger emulation profiles are applied in this mode. Data Pass-through mode will
persist until commanded otherwise by the M1, M2, and EM_EN controls.
APPLICATION NOTE: If it is desired that the Data Pass-through mode operates as a traditional / standard port
power switch, the S0 control should be set to ‘0’. When entering this mode, there is no
automatic VBUS discharge.
Table 9.1 Active Mode Selection
#
M1
M2
EM_EN
ACTIVE MODE
1
0
0
1
Dedicated Charger Emulation Cycle
2
0
1
0
Data Pass-through
3
0
1
1
BC1.2 DCP
4
1
0
0
BC1.2 SDP - See Note 9.1
5
1
0
1
Dedicated Charger Emulation Cycle
6
1
1
0
Data Pass-through
7
1
1
1
BC1.2 CDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com