Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 69 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 69 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 65Page - Microchip Technology UCS1002-2 Datasheet HTML 66Page - Microchip Technology UCS1002-2 Datasheet HTML 67Page - Microchip Technology UCS1002-2 Datasheet HTML 68Page - Microchip Technology UCS1002-2 Datasheet HTML 69Page - Microchip Technology UCS1002-2 Datasheet HTML 70Page - Microchip Technology UCS1002-2 Datasheet HTML 71Page - Microchip Technology UCS1002-2 Datasheet HTML 72Page - Microchip Technology UCS1002-2 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
69
Revision 1.4 (07-16-13)
DATASHEET
19h
R/W
Current Limit
Controls the maximum current limit
00h
Page 82
1Ah
R/W
Charge Rationing
Threshold High Byte
Controls the Current Threshold
ITHRESH used by the charge
rationing circuitry
FFh
Page 83
1Bh
R/W
Charge Rationing
Threshold Low Byte
Controls the Current Threshold
ITHRESH used by the charge
rationing circuitry
FFh
Page 83
1Ch
R/W
Auto-recovery
Configuration
Controls the Auto-recovery
functionality
2Ah
Page 84
1Eh
R/W
IBUS_CHG
Configuration
Stores the limit for IBUS_CHG used
to determine if emulation is
successful
04h
Page 85
1Fh
R/W
tDET_CHARGE
Configuration
Stores bits that define the
tDET_CHARGE time
03h
Page 85
20h
R/W
BCS Emulation
Enable
Enables BCS charger emulation
profiles
06h
Page 87
21h
R/W
Legacy Emulation
Enable
Enables Legacy charger emulation
profiles
00h
Page 87
22h
R/W
BCS Emulation
Timeout Config
Controls timeout for each BCS
charger emulation profile
10h
Page 88
23h
R/W
Legacy Emulation
Timeout Config 1
Controls timeout for Legacy
charger emulation profiles 1 - 4
B0h
Page 88
24h
R/W
Legacy Emulation
Timeout Config 2
Controls timeout for Legacy
charger emulation profiles 5 - 7
04h
Page 88
25h
R/W
High-speed Switch
Configuration
Controls when the high-speed
switch is enabled
14h
Page 78
30h
R
Applied Charger
Emulation
Indicates which charger emulation
profile is being applied
00h
Page 90
31h
R
Preloaded Emulation
Stimulus 1 - Config 1
Indicates the stimulus and timing
for stimulus 1
00h
Page 90
32h
R
Preloaded Emulation
Stimulus 1 - Config 2
Indicates the response and
magnitude for stimulus 1
00h
Page 90
33h
R
Preloaded Emulation
Stimulus 1 - Config 3
Indicates the threshold and pull-up
/ pull-down settings for stimulus 1
00h
Page 90
34h
R
Preloaded Emulation
Stimulus 1 - Config 4
Indicates the resistor ratio for
stimulus 1
00h
Page 90
35h
R
Preloaded Emulation
Stimulus 2 - Config 1
Indicates the stimulus and timing
for stimulus 2
00h
Page 90
36h
R
Preloaded Emulation
Stimulus 2 - Config 2
Indicates the response and
magnitude for stimulus 2
00h
Page 90
Table 10.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com