Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 87 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 87 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 83Page - Microchip Technology UCS1002-2 Datasheet HTML 84Page - Microchip Technology UCS1002-2 Datasheet HTML 85Page - Microchip Technology UCS1002-2 Datasheet HTML 86Page - Microchip Technology UCS1002-2 Datasheet HTML 87Page - Microchip Technology UCS1002-2 Datasheet HTML 88Page - Microchip Technology UCS1002-2 Datasheet HTML 89Page - Microchip Technology UCS1002-2 Datasheet HTML 90Page - Microchip Technology UCS1002-2 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
87
Revision 1.4 (07-16-13)
DATASHEET
10.10 Preloaded Emulation Enable Registers
The Preloaded Emulation Enable registers enable the charger emulation profiles used by the emulation
circuitry.
10.10.1
BCS Emulation Enable - 20h
The contents of this register are retained in Sleep.
Bit 4 - DCP_EM_DIS - Disables the DCP charger emulation profile in the DCE Cycle. This bit is ignored
if the M1, M2, and EM_EN control settings have selected DCP mode (see Table 9.1, "Active Mode
Selection").
‘0’ (default) - The BC1.2 DCP charger emulation profile is enabled during the Dedicated Charger
Emulation Cycle.
‘1’ - The BC1.2 DCP charger emulation profile is not enabled during the DCE Cycle.
Bit 2 - RESERVED - Do not change. This bit will read ‘1’ and should not be written to a logic ‘0’.
Bit 1 - RESERVED - Do not change. This bit will read ‘1’ and should not be written to a logic ‘0’.
Bit 0 - RESERVED - Do not change. This bit will read ‘0’ and should not be written to a logic ‘1’.
10.10.2
Legacy Emulation Enable - 21h
The contents of this register are retained in Sleep.
Bit 6 - LG7_EM_DIS - Disables the Legacy 7 charger emulation profile.
‘0’ (default) - The Legacy 7 charger emulation profile is enabled.
‘1’ - The Legacy 7 charger emulation profile is not enabled.
Bit 5 - LG6_EM_DIS - Disables the Legacy 6 charger emulation profile.
‘0’ (default) - The Legacy 6 charger emulation profile is enabled.
‘1’ - The Legacy 6 charger emulation profile is not enabled.
Bit 4 - LG5_EM_DIS - Disables the Legacy 5 charger emulation profile.
‘0’ (default) - The Legacy 5 charger emulation profile is enabled.
‘1’ - The Legacy 5 charger emulation profile is not enabled.
Bit 3 - LG4_EM_DIS - Disables the Legacy 4 charger emulation profile.
‘0’ (default) - The Legacy 4 charger emulation profile is enabled.
Table 10.22 Preloaded Emulation Enable Registers
ADDR
R/W
REGISTER
B7
B6
B5B4
B3
B2B1B0
DEFAULT
20h
R/W
BCS
Emulation
Enable
-
-
-
DCP_
EM_
DIS
-
110
06h
21h
R/W
Legacy
Emulation
Enable
-LG7_
EM_
DIS
LG6_
EM_
DIS
LG5_
EM_
DIS
LG4_
EM_
DIS
LG3_
EM_
DIS
LG2_
EM_
DIS
LG1_
EM_
DIS
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com