Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 83 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 83 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 79Page - Microchip Technology UCS1002-2 Datasheet HTML 80Page - Microchip Technology UCS1002-2 Datasheet HTML 81Page - Microchip Technology UCS1002-2 Datasheet HTML 82Page - Microchip Technology UCS1002-2 Datasheet HTML 83Page - Microchip Technology UCS1002-2 Datasheet HTML 84Page - Microchip Technology UCS1002-2 Datasheet HTML 85Page - Microchip Technology UCS1002-2 Datasheet HTML 86Page - Microchip Technology UCS1002-2 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
83
Revision 1.4 (07-16-13)
DATASHEET
Bits 2 - 0 - ILIM_SW[2:0] - Sets the ILIM value as shown in Table 10.12.
10.6
Charge Rationing Threshold Registers
The Charge Rationing Threshold registers set the maximum allowed charge that will be delivered to a
portable device. Every time the Total Accumulated Charge registers are updated, the value is checked
against this limit. If the value meets or exceeds this limit, the RATION bit is set (see Section 10.4.1)
and action taken according to the RATION_BEH[1:0] bits (see Section 10.4.1).
The units are in mA-hrs with a range from 0 to ~181768.
The contents of this register are retained in Sleep.
Table 10.12 ILIM_SW Bit Decode
ILIM_SW[2:0]
ILIM
210
000
500 mA
001
900 mA
010
1.0 A
011
1.2 A
100
1.5 A
101
1.8 A
110
2.0 A
111
2.5 A
Table 10.13 Charge Rationing Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Ah
R/W
Charge
Rationing
Threshold
High Byte
90968
45484
22742
11371
5685
2843
1421
710.7
FFh
1Bh
R/W
Charge
Rationing
Threshold
Low Byte
355.4
177.7
88.84
44.42
22.21
11.105
5.552
2.776
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com