Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 91 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 91 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 87Page - Microchip Technology UCS1002-2 Datasheet HTML 88Page - Microchip Technology UCS1002-2 Datasheet HTML 89Page - Microchip Technology UCS1002-2 Datasheet HTML 90Page - Microchip Technology UCS1002-2 Datasheet HTML 91Page - Microchip Technology UCS1002-2 Datasheet HTML 92Page - Microchip Technology UCS1002-2 Datasheet HTML 93Page - Microchip Technology UCS1002-2 Datasheet HTML 94Page - Microchip Technology UCS1002-2 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
91
Revision 1.4 (07-16-13)
DATASHEET
The Preloaded Emulation Configuration registers store the settings loaded from internal memory as
required for the preloaded charger emulation profile that is actively being applied. These registers are
read only.
10.12.1
Applied Charger Emulation - 30h
The contents of this register are not retained in Sleep. The contents are updated as the charger
emulation profile being applied changes.
Bits 3 - 0 - PRE_EM_SEL[3:0] - Indicates which of the charger emulation profiles is being actively
applied as shown in Table 10.26.
10.12.2
Preloaded Emulation Configuration Registers 31h - 3Bh
These registers store the emulation configuration settings for the currently applied preloaded charger
emulation profile. The contents of these registers are loaded dynamically during charger emulation.
When the Custom charger emulation profile is being applied, the contents of these registers will remain
set at the previously applied preloaded charger emulation profile.
3Bh
R
Preloaded
Emulation
Stimulus 3 -
Config 3
-
-
S3_PUPD[1:0]
S3_TH[3:0]
00h
Table 10.26 Applied Emulation Selection
PRE_EM_SEL[3:0] SETTING
APPLIED CHARGER EMULATION
3210
0000
Data Pass-through or BC1.2 SDP
0001
BC1.2 CDP
0010
BC1.2 DCP
0011
Legacy 1
0100
Legacy 2
0101
Legacy 3
0110
Legacy 4
0111
Legacy 5
1000
Legacy 6
1001
Legacy 7
1010
Custom Profile
All others
Not used
Table 10.25 Preloaded Emulation Configuration Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com