Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 58 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 58 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 54Page - Microchip Technology UCS1002-2 Datasheet HTML 55Page - Microchip Technology UCS1002-2 Datasheet HTML 56Page - Microchip Technology UCS1002-2 Datasheet HTML 57Page - Microchip Technology UCS1002-2 Datasheet HTML 58Page - Microchip Technology UCS1002-2 Datasheet HTML 59Page - Microchip Technology UCS1002-2 Datasheet HTML 60Page - Microchip Technology UCS1002-2 Datasheet HTML 61Page - Microchip Technology UCS1002-2 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
58
SMSC UCS1002
DATASHEET
Chapter 8 Detect State
8.1
Device Attach / Removal Detection
The UCS1002 can detect the attachment and removal of a portable device on the USB port. Attach
and Removal Detection does not perform any charger emulation or qualification of the device. The
high-speed switch is “off” (by default) during the Detect power state.
8.2
VBUS Bypass Switch
The UCS1002 contains circuitry to provide VBUS current as shown inFigure 8.1In the Detect state,
VDD is the voltage source; in the Active state, VS is the voltage source. The bypass switch and the
port power switch are never both on at the same time.
While the VBUS bypass switch is active, the current available to a portable device will be limitedto
IBUS_BYP, and the Attach Detection feature is active.
8.3
Attach Detection
The Attach Detection feature is only active in the Detect power state. When active, this feature
constantly monitors the current load on the VBUS pin. If the current drawn by a portable device is
greater than IDET_QUAL for longer than tDET_QUAL, an Attach Detection event occurs. This will cause
the A_DET# pin to assert low and the ADET_PIN and ATT status bits to be set.
Until the port power switch is enabled, the current available to a portable device will be limited to that
used to detect device attachment (IDET_QUAL).Once an Attach Detection event occurs, the UCS1002
will wait for the PWR_EN control to be enabled (if not already). When PWR_EN is enabled and VS is
above the threshold, the UCS1002 will activate the USB port power switch and operate in the selected
Active mode (see Chapter 9, Active State).
8.4
Removal Detection
The Removal Detection feature will be active in the Active and Detect power states if S0 = 1. This
feature monitors the current load on the VBUS pin. If this load drops to less than IREM_QUAL_DET for
longer than tREM_QUAL, a Removal Detection event is flagged
When a Removal Detection event is flagged, the following will be done:
1. Disable the port power switch and the bypass switch.
Figure 8.1 Detect State VBUS Biasing
Port Power
Switch
VDD
VS
VS
VBUS
VBUS
Bypass
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com