Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 64 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 64 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 60Page - Microchip Technology UCS1002-2 Datasheet HTML 61Page - Microchip Technology UCS1002-2 Datasheet HTML 62Page - Microchip Technology UCS1002-2 Datasheet HTML 63Page - Microchip Technology UCS1002-2 Datasheet HTML 64Page - Microchip Technology UCS1002-2 Datasheet HTML 65Page - Microchip Technology UCS1002-2 Datasheet HTML 66Page - Microchip Technology UCS1002-2 Datasheet HTML 67Page - Microchip Technology UCS1002-2 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
64
SMSC UCS1002
DATASHEET
9.9
Current Limit Mode Associations
The UCS1002 will close the port power switch and use the current limiting mode as shown in Table 9.2.
As noted in the last three rows in Table 9.2, under those specific conditions with ILIM < 1.5 A, it is the
relationship of ILIM and IBUS_R2MIN that determines the current limiting mode. In these cases, the value
of IBUS_R2MIN is determined by CS_R2_IMIN[2:0] bits 4-2 in the Custom Current Limiting Behavior
Configuration register 51h.
9.10
No Handshake
In DCE Cycle mode with emulation retry disabled, a “no handshake” condition is flagged (the NO_HS
status bit stays set (see Section 10.3.4, "Profile Status 1 - 12h")) when the end of the DCE Cycle is
reached without a handshake and without drawing current.
All signatures / handshaking placed on the DPOUT and DMOUT pins are removed. The UCS1002 will
operate with the high-speed switch opened or closed as determined by the high-speed switch
configuration and will use trip or constant current limiting as determined by the IBUS_R2MIN setting
(CS_R2_IMIN[2:0] bits 4-2 in the Custom Current Limiting Behavior Configuration register 51h).
Table 9.2 Current Limit Mode Options
ACTIVE MODE
CURRENT LIMIT MODE
(SEE Section 10.14)
Data Pass-through
Trip mode
BC1.2 DCP
CC mode if ILIM < 1.5 A, otherwise, trip mode
BC1.2 SDP
Trip mode
BC1.2 CDP
CC mode if ILIM < 1.5 A, otherwise, trip mode
DCE CYCLE
During DCE Cycle when a charger
emulation profile is being applied and the
emulation timeout is active
CC mode if ILIM < 1.5 A, otherwise, trip mode
BC1.2 DCP charger emulation profile
accepted or the emulation timeout is
disabled
CC mode if ILIM < 1.5 A, otherwise, trip mode
Legacy 2 charger emulation profile
accepted or the emulation timeout is
disabled
CC mode if ILIM < 1.5 A, otherwise, trip mode
Legacy 1 or Legacy 3 - Legacy 7 charger
emulation profile accepted or the
emulation timeout is disabled
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.5 A (normal operation),
otherwise, CC mode (see Section 10.14.2)
Custom charger emulation profile
accepted or the emulation timeout is
disabled
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.5 A (normal operation),
otherwise, CC mode (see Section 10.14.2)
No handshake (DCE Cycle with
Emulation Retry not enabled)
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.5 A (normal operation),
otherwise, CC mode (see Section 10.14.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com