Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 79 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 79 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 75Page - Microchip Technology UCS1002-2 Datasheet HTML 76Page - Microchip Technology UCS1002-2 Datasheet HTML 77Page - Microchip Technology UCS1002-2 Datasheet HTML 78Page - Microchip Technology UCS1002-2 Datasheet HTML 79Page - Microchip Technology UCS1002-2 Datasheet HTML 80Page - Microchip Technology UCS1002-2 Datasheet HTML 81Page - Microchip Technology UCS1002-2 Datasheet HTML 82Page - Microchip Technology UCS1002-2 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
79
Revision 1.4 (07-16-13)
DATASHEET
Bits 1 - 0 - RATION_BEH[1:0] - Controls the behavior when the power rationing threshold is reached
as shown in Table 7.1.
10.4.2
Emulation Configuration - 16h
The contents of this register are retained in Sleep.
Bit 7 - DIS_TO - Disables the timeout and idle reset functionality (see Section 4.2.1.6, "SMBus Timeout
and Idle Reset").
‘0’ - The timeout and idle reset functionality is enabled.
‘1’ (default) - The timeout and idle reset functionality is disabled. This is used for I2C compliance.
Bit 4 - EM_TIMEOUT_DIS - Disables the emulation circuitry timeout for all charger emulation profiles
in the DCE Cycle. There is a separate bit to enable / disable the emulation timeout for the Custom
charger emulation profile (Section 10.13.1, "Custom Emulation Configuration - 40h"); however, if the
EM_TIMEOUT_DIS bit is set, the emulation timeout will also be disabled for the Custom charger
emulation profile.
APPLICATION NOTE: If the EM_TIMEOUT_DIS bit is set and the Legacy 1, Legacy 3, or Custom charger
emulation profiles were accepted during the DCE cycle, a removal is not detected. To avoid
this issue, re-enable the emulation timeout after applying any test profiles and charging with
the 'final' profile.
‘0’ (default) - Emulation timeout is enabled during the Dedicated Charger Emulation Cycle. An
individual charger emulation profile will be applied and maintained for the duration of the
tEM_TIMEOUT value. When this timer expires, the UCS1002 will determine whether the charger
emulation profile was successful and take appropriate action.
‘1’ - Emulation timeout is disabled during the DCE Cycle. The applied charger emulation profile will
not exit as a result of an emulation timeout event. The IBUS current will be checked continuously
and if it exceeds the IBUS_CHG threshold for any reason, the charger emulation profile will be
accepted.
Bit 3 - EM_RETRY - Configures whether the DCE Cycle will reset and restart if it reaches the final
profile without the portable device drawing charging current and accepting one of the profiles. This bit
is only used if the UCS1002 is configured to emulate a dedicated charger.
‘0’ - Once the DCE Cycle is completed, it will not restart. The DPOUT and DMOUT will be left as
High-Z pins and the port power switch will be closed. The current limiting mode is determined by
the Custom current limiting behavior settings (see Section 10.14.2, "Custom Current Limiting
Behavior Configuration - 51h").
‘1’ (default) - Once the DCE Cycle is completed, it will perform emulation reset and restart from the
first enabled charger emulation profile in the DCE Cycle.
Bit 2 - LEAVE_EMU_RESP - Enables the Dedicated Charger Emulation Cycle mode to hold the
DPOUT and DMOUT stimulus response after the UCS1002 has finished emulation using the Legacy,
BC1.2 DCP, or Custom charger emulation profiles.
APPLICATION NOTE: If the HSW_DCE bit is set, the high-speed switch will be closed regardless of the status of
the LEAVE_EMU_RESP bit. Leaving the emulation response applied will not allow normal
USB traffic. Therefore, prior to setting the HSW_DCE bit, this bit should be cleared.
‘0’ - The dedicated emulation circuitry will behave normally. It will remove the short condition when
the tEM_TIMEOUT timer has expired regardless if the portable device has drawn charging current or
not.
‘1’ (default) - If a portable device begins drawing charging current while the UCS1002 is applying
the BC1.2 DCP, Custom, or any of the Legacy charger emulation profiles during the DCE Cycle,
the last response applied will be kept in place until a Removal Detection event occurs, the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com