Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 72 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 72 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 68Page - Microchip Technology UCS1002-2 Datasheet HTML 69Page - Microchip Technology UCS1002-2 Datasheet HTML 70Page - Microchip Technology UCS1002-2 Datasheet HTML 71Page - Microchip Technology UCS1002-2 Datasheet HTML 72Page - Microchip Technology UCS1002-2 Datasheet HTML 73Page - Microchip Technology UCS1002-2 Datasheet HTML 74Page - Microchip Technology UCS1002-2 Datasheet HTML 75Page - Microchip Technology UCS1002-2 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
72
SMSC UCS1002
DATASHEET
10.2
Total Accumulated Charge Registers
The Total Accumulated Charge registers store the total accumulated charge delivered from the VS
source to a portable device. The bit weighting of the registers is given in mA-hrs. The register value
is reset to 00_00h only when the RATION_RST bit is set or if the RATION_EN bit is cleared. This value
will be retained when the device transitions out of the Active state and resumes accumulation if the
device returns to the Active state and charge rationing is still enabled.
These registers are updated every one (1) second while the UCS1002 is in the Active power state.
Every time the value is updated, it is compared against the target value in the Charge Rationing
Threshold registers (see Section 10.6).
This data is retained in the Sleep state.
Table 10.3 Total Accumulated Charge Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
01h
R
Total
Accumulated
Charge High
Byte
90968
45484
22742
11371
5685
2843
1421
710.7
00h
02h
R
Total
Accumulated
Charge Middle
High
355.4
177.7
88.84
44.42
22.21
11.10
5
5.552
2.776
00h
03h
R
Total
Accumulated
Charge Middle
Low Byte
1.388
0.694
0
0.347
0
0.173
5
0.086
76
0.0
434
0.0
2169
0.01
084
00h
04h
R
Total
Accumulated
Charge Low
Byte
0.00
5422
0.00
271
------
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com