Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 62 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 62 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 58Page - Microchip Technology UCS1002-2 Datasheet HTML 59Page - Microchip Technology UCS1002-2 Datasheet HTML 60Page - Microchip Technology UCS1002-2 Datasheet HTML 61Page - Microchip Technology UCS1002-2 Datasheet HTML 62Page - Microchip Technology UCS1002-2 Datasheet HTML 63Page - Microchip Technology UCS1002-2 Datasheet HTML 64Page - Microchip Technology UCS1002-2 Datasheet HTML 65Page - Microchip Technology UCS1002-2 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
62
SMSC UCS1002
DATASHEET
4. Optional Secondary Detection - If the portable device then drives a voltage of 0.6 V (nominal) onto
the DMOUT pin, the UCS1002 will take no other action. This will cause the portable device to
observe a ‘0’ on the DPOUT pin and know that it is connected to a CDP.
9.7
BC1.2 DCP
When BC1.2 DCP is selected as the Active mode, UCS1002 will discharge VBUS and apply the BC1.2
DCP charger emulation profile per the specification. In BC1.2 DCP mode, the emulation timeout and
requirement for portable device current draw automatically disabled. When the BC1.2 DCP charger
emulation profile is applied within the Dedicated Charger Emulation Cycle (see Section 9.11.1, "BC1.2
DCP Charger Emulation Profile Within DCE Cycle"), the timeout and current draw requirement are
enabled.
If the portable device is charging after the DCP charger emulation profile is applied, the UCS1002 will
leave in place the resistive short, leave the high-speed switch open, and enable constant current
limiting (variable slope).
APPLICATION NOTE: BC1.2 compliance testing may require the S0 control to be set to ‘0’ (Attach and Removal
Detection feature disabled) while testing is in progress.
9.7.1
BC1.2 DCP Charger Emulation Profile
The BC1.2 DCP charger emulation profile is described below.
1. VBUS voltage is applied. A resistor (RDCP_RES) is connected between the DPOUT and DMOUT
pins.
2. Primary Detection - If the portable device drives 0.6 V (nominal) onto the DPOUT pin, the UCS1002
will take no other action than to leave the resistor connected between DPOUT and DMOUT. This
will cause the portable device to see 0.6 V (nominal) on the DMOUT pin and know that it is
connected to a DCP.
3. Optional Secondary Detection - If the portable device drives 0.6 V (nominal) onto the DMOUT pin,
the UCS1002 will take no other action than to leave the resistor connected between DPOUT and
DMOUT. This will cause the portable device to see 0.6 V (nominal) on the DPOUT pin and know
that it is connected to a DCP.
9.8
Dedicated Charger
When commanded to Dedicated Charger Emulation Cycle mode, the UCS1002 enables an attached
portable device to enter its charging mode by applying specific charger emulation profiles in a
predefined sequence. Using these profiles, the UCS1002 is capable of generating and recognizing
several signal levels on the DPOUT and DMOUT pins. The preloaded charger emulation profiles
include ones compatible with BC1.2 DCP, YD/T-1591 (2009) and most Apple and RIM portable
devices.Other levels, sequences, and protocols are configurable via the SMBus / I2C.
When a charger emulation profile is applied, a programmable timer for the emulation profile is started.
When emulation timeout occurs, the UCS1002 checks the IBUS current against a programmable
threshold. If the current is above the threshold, the charger emulation profile is accepted and the
associated current limiting mode is applied.No active USB data communication is possible when
charging in this mode(by default - see Section 10.4.5, "High-speed Switch Configuration - 25h").
9.8.1
Emulation Reset
Prior to applying any of the charger emulation profiles, the UCS1002 will perform an emulation reset.
This involves the following:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com