Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 16 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 16 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 12Page - Microchip Technology UCS1002-2 Datasheet HTML 13Page - Microchip Technology UCS1002-2 Datasheet HTML 14Page - Microchip Technology UCS1002-2 Datasheet HTML 15Page - Microchip Technology UCS1002-2 Datasheet HTML 16Page - Microchip Technology UCS1002-2 Datasheet HTML 17Page - Microchip Technology UCS1002-2 Datasheet HTML 18Page - Microchip Technology UCS1002-2 Datasheet HTML 19Page - Microchip Technology UCS1002-2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
16
SMSC UCS1002
DATASHEET
Table 3.3 Electrical Specifications
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Power and Interrupts - DC
Supply Voltage
VDD
4.5
5
5.5
V
See Note 3.2
Source Voltage
VS
2.9
5
5.5
V
See Note 3.2
Supply Current in Active
(IDD_ACTIVE + IVS_ACT)
IACTIVE
650
750
µA
Average current
IBUS = 0 mA
Supply Current in Sleep
(IDD_SLEEP + IVS_SLEEP)
ISLEEP
5
15
µA
Average current
VPULLUP < VDD
Supply Current in Detect
(IDD_DETECT +
IVS_DETECT)
IDETECT
185
220
µA
Average current
No portable device attached.
Power-on Reset
VS Low Threshold
VS_UVLO
2.5
2.7
V
VS voltage increasing
VS Low Hysteresis
VS_UVLO_HYST
100
mV
VS voltage decreasing
VDD Low Threshold
VDD_TH
4
4.4
V
VDD voltage increasing
VDD Low Hysteresis
VDD_TH_HYST
500
mV
VDD voltage decreasing
I/O Pins -SMCLK, SMDATA, EM_EN, M1, M2, PWR_EN, ALERT#, A_DET# - DC Parameters
Output Low Voltage
VOL
0.4
V
ISINK_IO = 8 mA
SMDATA,ALERT#, A_DET#
Input High Voltage
VIH
2.0
V
PWR_EN, EM_EN, M1,
M2SMDATA, SMCLK
Input Low Voltage
VIL
0.8
V
PWR_EN, EM_EN, M1, M2,
EM_EN, SMDATA, SMCLK
Leakage Current
ILEAK
±5
µA
Powered or unpowered
VPULLUP <= VDD
TA < 85 °C
Interrupt Pins - AC Parameters
ALERT#, A_DET# Pin
Blanking Time
tBLANK
25
ms
ALERT# Pin Interrupt
Masking Time
tMASK
5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com