Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 68 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 68 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 64Page - Microchip Technology UCS1002-2 Datasheet HTML 65Page - Microchip Technology UCS1002-2 Datasheet HTML 66Page - Microchip Technology UCS1002-2 Datasheet HTML 67Page - Microchip Technology UCS1002-2 Datasheet HTML 68Page - Microchip Technology UCS1002-2 Datasheet HTML 69Page - Microchip Technology UCS1002-2 Datasheet HTML 70Page - Microchip Technology UCS1002-2 Datasheet HTML 71Page - Microchip Technology UCS1002-2 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
68
SMSC UCS1002
DATASHEET
Chapter 10 Register Description
The registers shown in Table 10.1 are accessible through the SMBus or I2C. An entry of ‘-’ indicates
that the bit is not used. Writing to these bits will have no effect and reading these bits will return ‘0’.
An entry of RES indicates that the bit is reserved. Writing to a RES bit may cause unexpected results
and reading from a RES bit will return either ‘1’ or ‘0’ as indicated in the bit description. While in the
Sleep state, the UCS1002 will retain configuration and charge rationing data as indicated in the text.
If a register does not indicate that data will be retained in the Sleep power state, this information will
be lost when the UCS1002 enters the Sleep power state.
Table 10.1 Register Set in Hexadecimal Order
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE
00h
R
Current
Measurement
Stores the current measurement
00h
Page 71
01h
R
Total Accumulated
Charge High Byte
Stores the total accumulated
charge delivered high byte
00h
Page 72
02h
R
Total Accumulated
Charge Middle High
Byte
Stores the total accumulated
charge delivered middle high byte
00h
Page 72
03h
R
Total Accumulated
Charge Middle Low
Byte
Stores the total accumulated
charge delivered middle low byte
00h
Page 72
04h
R
Total Accumulated
Charge Low Byte
Stores the total accumulated
charge delivered low byte
00h
Page 72
0Fh
R
Other Status
Indicates emulation status as well
as the ALERT# and A_DET# pin
status
00h
Page 73
10h
See
Text
Interrupt Status
Indicates why ALERT# pin
asserted.
00h
Page 73
11h
R / R-C
General Status
Indicates general status
00h
Page 73
12h
R
Profile Status 1
Indicates which charger emulation
profile was accepted
00h
Page 73
13h
R
Profile Status 2
00h
Page 73
14h
R
Pin Status
Indicates the pin states of the
internal control pins
00h
Page 73
15h
R/W
General
Configuration
Controls basic functionality
01h
Page 78
16h
R/W
Emulation
Configuration
Controls emulation functionality
8Ch
Page 78
17h
R/W
Switch Configuration
Controls advanced switch
functions
04h
Page 78
18h
R/W
Attach Detect
Configuration
Controls Attach Detect functionality
46h
Page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com