Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 75 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 75 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 71Page - Microchip Technology UCS1002-2 Datasheet HTML 72Page - Microchip Technology UCS1002-2 Datasheet HTML 73Page - Microchip Technology UCS1002-2 Datasheet HTML 74Page - Microchip Technology UCS1002-2 Datasheet HTML 75Page - Microchip Technology UCS1002-2 Datasheet HTML 76Page - Microchip Technology UCS1002-2 Datasheet HTML 77Page - Microchip Technology UCS1002-2 Datasheet HTML 78Page - Microchip Technology UCS1002-2 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
75
Revision 1.4 (07-16-13)
DATASHEET
Bit 2 - OVER_VOLT - Indicates that the VS voltage has exceeded the VS_OV threshold and the device
has entered the Error state. This bit will be cleared when read if the error condition has been removed
or if the ERR bit is cleared. This bit will cause the ALERT# pin to be asserted and the device to enter
the Error state.
Bit 1 - BACK_VOLT - Indicates that the VBUS voltage has exceeded the VS or VDD voltages by more
than 150 mV. This bit will be cleared when read if the error condition has been removed or if the ERR
bit is cleared. This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
Bit 0 - OVER_ILIM - Indicates that the IBUS current has exceeded both the ILIM threshold and the
IBUS_R2MIN threshold settings. This bit will be cleared when read if the error condition has been
removed or if the ERR bit is cleared. This bit will cause the ALERT# pin to be asserted and the device
to enter the Error state.
10.3.3
General Status - 11h
Bit 7 - RATION - Indicates that the UCS1002 has delivered the programmed amount of power to a
portable device. If the RATION_BEH bits are set to interrupt the host, this bit will cause the ALERT#
pin to be asserted. This bit is cleared when read. This bit is also cleared automatically when the
RATION_RST bit is set or the RATION_EN bit is cleared (see Section 10.4.1, "General Configuration
- 15h").
Bit 4 - CC_MODE - Indicates that the IBUS current has exceeded ILIM.
Bit 3 - TREG - Indicates that the internal temperature has exceeded TREG and that the current limit
has been reduced. This bit is cleared when read and will not cause the ALERT# pin to be asserted
unless the ALERT_LINK bit is set.
Bit 2 - LOW_CUR - Indicates that a portable device has reduced its charge current to below ~6.4 mA
and may be finished charging. This bit is cleared when read and will not cause the ALERT# pin to be
asserted unless the ALERT_LINK bit is set.
Bit 1 - REM - Indicates that a Removal Detection event has occurred and there is no longer a portable
device present. This bit is cleared when read and will not cause the ALERT# pin to be asserted. It will
cause the A_DET# pin to be released.
Bit 0 - ATT - Indicates that an Attach Detection event has occurred and there is a new portable device
present. This bit is cleared when read and will not cause the ALERT# pin to be asserted. It will cause
the A_DET# pin to be asserted.
10.3.4
Profile Status 1 - 12h
These bits are indicators only and will not cause the ALERT# pin or A_DET# pin to change states.
The CUST, DCP, CDP, and PT bits are cleared under the following circumstances: the PWR_EN
control is disabled, a new Active mode is selected, or a Removal Detection event occurs.
Bit 7 - NO_HS - The NO_HS bit is only set during the Dedicated Charger Emulation Cycle (see Section
9.10, "No Handshake"). This bit is automatically cleared whenever a new charger emulation profile is
applied.
APPLICATION NOTE: The NO_HS bit does not indicate that a portable device is drawing current and it may be
cleared to ‘0’ (indicating a handshake) and a portable device not charge. This bit is set at
the end of each charger emulation profile if a portable device does not handshake with it.
This bit will not be set at the same time that any other Profile Status register bits are set.
Bit 4 - VS_LOW - Indicates that the VS voltage is below the VS_UVLO threshold and the port power
switch is held off. This bit is cleared automatically when the VS voltage is above the VS_UVLO threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com