Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 86 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 86 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 82Page - Microchip Technology UCS1002-2 Datasheet HTML 83Page - Microchip Technology UCS1002-2 Datasheet HTML 84Page - Microchip Technology UCS1002-2 Datasheet HTML 85Page - Microchip Technology UCS1002-2 Datasheet HTML 86Page - Microchip Technology UCS1002-2 Datasheet HTML 87Page - Microchip Technology UCS1002-2 Datasheet HTML 88Page - Microchip Technology UCS1002-2 Datasheet HTML 89Page - Microchip Technology UCS1002-2 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
86
SMSC UCS1002
DATASHEET
The contents of this register are retained in Sleep.
The TDET_CHARGE Configuration register controls the tDC_TEMP and tDET_CHARGE timing. The
tDC_TEMP timer is started whenever the temperature exceeds TREG. This timer is meant to give the
system time to cool at the lower ILIM setting before changing ILIM again. The tDET_CHARGE timer is
started whenever the VBUS voltage is discharged and the bypass switch is re-activated. This timer is
meant to be a delay to allow the VBUS capacitor to charge before detecting an Attach Detection event.
Bits 4 - 3 - DC_TEMP_SET[2:0] - Determines the tDC_TEMP time as shown in Table 10.20.
Bits 2 - 0 - DET_CHARGE_SET[2:0] - Determines the tDET_CHARGE time as shown in Table 10.21.
APPLICATION NOTE: If tDET_CHARGE time is increased greater than 800 ms, larger bus capacitors can be
accommodated; however, with a portable device present and PWR_EN disabled, a Removal
Detection event and then another Attach Detection event will occur.
Table 10.20 DC_TEMP_SET Bit Decode
DC_TEMP_SET[1:0]
TDC_TEMP
10
0
0
200 ms (default)
01
400 ms
10
800 ms
1
1
1600 ms
Table 10.21 DET_CHARGE_SET Bit Decode
DET_CHARGE_SET[2:0]
TDET_ CHARGE
210
000
200 ms
001
400 ms
010
600 ms
0
1
1
800 ms (default)
100
1000 ms
101
1200 ms
110
1400 ms
111
2000 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com