Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 100 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 100 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 96Page - Microchip Technology UCS1002-2 Datasheet HTML 97Page - Microchip Technology UCS1002-2 Datasheet HTML 98Page - Microchip Technology UCS1002-2 Datasheet HTML 99Page - Microchip Technology UCS1002-2 Datasheet HTML 100Page - Microchip Technology UCS1002-2 Datasheet HTML 101Page - Microchip Technology UCS1002-2 Datasheet HTML 102Page - Microchip Technology UCS1002-2 Datasheet HTML 103Page - Microchip Technology UCS1002-2 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
100
SMSC UCS1002
DATASHEET
The Custom Emulation Configuration registers store the values used by the Custom charger emulation
circuitry. The Custom charger emulation profile is set up as three stimuli and the respective responses.
See application note Fundamentals of Custom Charger Emulation”.
10.13.1
Custom Emulation Configuration - 40h
The contents of this register are retained in Sleep.
Bit 5 - CS1_TIMEOUT_DIS - Disables the Emulation Timeout timer when the Custom charger
emulation profile is applied during the DCE Cycle. If the EM_TIMEOUT_DIS is set, this bit will have
no effect (see Section 10.4.2, "Emulation Configuration - 16h").
APPLICATION NOTE: If the CS1_TIMEOUT_DIS bit is set and the Custom charger emulation profile was accepted
during the DCE cycle, a removal is not detected. To avoid this issue, re-enable the emulation
timeout after applying any test profiles and charging with the 'final' profile.
‘0’ (default) - The Emulation Timeout timer is enabled when the Custom charger emulation profile
is applied during the DCE Cycle and the EM_TIMEOUT_DIS bit is not set.
‘1’ - The Emulation Timeout timer is disabled when the Custom charger emulation profile is applied
during the DCE Cycle. When the Custom charger emulation profile is being applied, the UCS1002
will be constantly monitoring the IBUS current. When the IBUS current is greater than IBUS_CHG,
46h
R/W
Custom
Emulation
Stimulus 2 -
Config 2
CS1_S2_R2MAG[3:0]
CS1_S2_R2[3:0]
00h
47h
R/W
Custom
Emulation
Stimulus 2 -
Config 3
-
-
CS1_S2_PUP
D[1:0]
CS1_S2_TH[3:0]
00h
48h
R/W
Custom
Emulation
Stimulus 2 -
Config 4
-
-
-
-
-
CS1_S2_RATIO[2:0]
00h
49h
R/W
Custom
Emulation
Stimulus 3 -
Config 1
-
CS1_S3
_TD_
TYPE
CS1_S3_TD[2:0]
CS1_STIM3[2:0]
00h
4Ah
R/W
Custom
Emulation
Stimulus 3 -
Config 2
CS1_S3_R3MAG[3:0]
CS1_S3_R3[3:0]
00h
4Bh
R/W
Custom
Emulation
Stimulus 3 -
Config 3
-
-
CS1_S3_PUP
D[1:0]
CS1_S3_TH[3:0]
00h
4Ch
R/W
Custom
Emulation
Stimulus 3 -
Config 4
-
-
-
-
-
CS1_S3_RATIO[2:0]
00h
Table 10.37 Custom Emulation Configuration Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com