Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 102 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 102 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 98Page - Microchip Technology UCS1002-2 Datasheet HTML 99Page - Microchip Technology UCS1002-2 Datasheet HTML 100Page - Microchip Technology UCS1002-2 Datasheet HTML 101Page - Microchip Technology UCS1002-2 Datasheet HTML 102Page - Microchip Technology UCS1002-2 Datasheet HTML 103Page - Microchip Technology UCS1002-2 Datasheet HTML 104Page - Microchip Technology UCS1002-2 Datasheet HTML 105Page - Microchip Technology UCS1002-2 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
102
SMSC UCS1002
DATASHEET
10.13.5
Custom Stimulus / Response Pair X - Config 4 - 44h, 48h, 4Ch
The contents of this register are retained in Sleep.
Bits 2 - 0 - CS1_SX_RATIO[2:0] - Determines the voltage divider ratio, as shown in Table 10.36, when
the stimulus response is set to connect a voltage divider (i.e., CS1_SX_RX[3:0] = 0110b, 1001b, or
1100b).
10.14 Current Limiting Behavior Configuration Registers
10.14.1
Applied Current Limiting Behavior - 50h
This register stores the values used by the applied current limiting mode (trip or CC) when the custom
settings are not used. The contents of this register are updated automatically when charger emulation
is completed.
The contents of this register are not retained in Sleep. The contents are updated as needed.
Bits 7 - 6 - SEL_VBUS_MIN[1:0] - Define the VBUS_MIN voltage as shown in Table 10.39.
Bits 4 - 2 - SEL_R2_IMIN[2:0] - Define the IBUS_R2MIN current as shown in Table 10.40.
Bits 1 - 0 - RESERVED.
10.14.2
Custom Current Limiting Behavior Configuration - 51h
The Custom Current Limiting Behavior Configuration register allows programming of current limit
parameters. These controls are used when a portable device handshakes using the Legacy charger
emulation profiles (except Legacy 2), the Custom charger emulation profile, or does not handshake as
a dedicated charger (i.e., a power thief).
The contents of this register are retained in Sleep.
Bits 7 - 6 - CS_VBUS_MIN[1:0] - Defines the Custom VBUS_MIN voltage as shown in Table 10.39. Note
that VBUS_MIN is checked even when operating with trip current limiting.
Table 10.38 Current Limit Behavior Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
50h
R
Applied
Current
Limiting
Behavior
SEL_VBUS_
MIN[1:0]
(VBUS_MIN)
-
SEL_R2_IMIN[2:0]
(IBUS_R2MIN as shown
in Figure 7.2)
1
0
82h
51h
R/W
Custom
Current
Limiting
Behavior
Config
CS_VBUS_MIN
[1:0]
(VBUS_MIN)
-
CS_R2_IMIN[2:0]
(IBUS_R2MIN as shown
in Figure 7.2)
1
0
82h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com