Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 18 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 18 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 14Page - Microchip Technology UCS1002-2 Datasheet HTML 15Page - Microchip Technology UCS1002-2 Datasheet HTML 16Page - Microchip Technology UCS1002-2 Datasheet HTML 17Page - Microchip Technology UCS1002-2 Datasheet HTML 18Page - Microchip Technology UCS1002-2 Datasheet HTML 19Page - Microchip Technology UCS1002-2 Datasheet HTML 20Page - Microchip Technology UCS1002-2 Datasheet HTML 21Page - Microchip Technology UCS1002-2 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
18
SMSC UCS1002
DATASHEET
On Resistance
RON_HSW
2
Ω
Switch closed, VDD = 5 V
test current = 8 mA, test
voltage = 0.4 V, see Figure 3.2
On Resistance
RON_HSW_1
5
Ω
Switch closed, VDD = 5 V,
test current = 8 mA, test
voltage = 3.0 V, see Figure 3.2
Delta On Resistance
ΔRON_HSW
±0.3
Ω
Switch closed, VDD = 5 V
ITST = 8 mA, VTST = 0 to 1.5 V,
see Figure 3.2
High-speed Data Switch - AC Parameters
DP, DM Capacitance to
Ground
CHSW_ON
4
pF
Switch closed
VDD = 5 V
DP, DM Capacitance to
Ground
CHSW_OFF
2
pF
Switch open
VDD = 5 V
Turn Off Time
tHSW_OFF
400
µs
Time from state control
(EM_EN, M1, M2) switch on to
switch off, RTERM = 50 Ω,
CLOAD = 5 pF
Turn On Time
tHSW_ON
400
µs
Time from state control
(EM_EN, M1, M2) switch off to
switch on, RTERM = 50 Ω,
CLOAD = 5 pF
Propagation Delay
tPD
0.25
ns
RTERM = 50 Ω, CLOAD = 5 pF
Propagation Delay Skew
ΔtPD
25
ps
RTERM = 50 Ω, CLOAD = 5 pF
Rise/Fall Time
tF/R
10
ns
RTERM = 50 Ω, CLOAD = 5 pF
DP - DM Crosstalk
XTALK
-40
dB
RTERM = 50 Ω, CLOAD = 5 pF
Off Isolation
OIRR
-30
dB
RTERM = 50 Ω, CLOAD = 5 pF
f = 240 MHz
-3dB Bandwidth
BW
1100
MHz
RTERM = 50 Ω, CLOAD = 1.5 pF
VDPOUT = VDMOUT = 350 mV
DC
Total Jitter
tJ
200
ps
RTERM = 50 Ω, CLOAD = 5 pF,
rise time = fall time = 500 ps at
480 Mbps (PRBS = 215 - 1)
Skew of Opposite
Transitions of the Same
Output
tSK(P)
20
ps
RTERM = 50 Ω, CLOAD = 5 pF
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com