Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 76 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 76 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 72Page - Microchip Technology UCS1002-2 Datasheet HTML 73Page - Microchip Technology UCS1002-2 Datasheet HTML 74Page - Microchip Technology UCS1002-2 Datasheet HTML 75Page - Microchip Technology UCS1002-2 Datasheet HTML 76Page - Microchip Technology UCS1002-2 Datasheet HTML 77Page - Microchip Technology UCS1002-2 Datasheet HTML 78Page - Microchip Technology UCS1002-2 Datasheet HTML 79Page - Microchip Technology UCS1002-2 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
76
SMSC UCS1002
DATASHEET
Bit 3 - CUST - Indicates that the portable device successfully performed a handshake with the user-
defined Custom charger emulation profile during the DCE Cycle and is charging. Based on the Custom
charger emulation profile configuration, the high-speed switch will be either open or closed (see
Section 10.13, "Custom Emulation Configuration Registers"). The port power switch current limiting
mode is determined by the Custom current limiting behavior settings (see Section 10.14.2, "Custom
Current Limiting Behavior Configuration - 51h").
Bit 2 - DCP - Indicates that the portable device accepted the BC1.2 DCP charger emulation profile and
is charging. The high-speed switch will be controlled via the HSW_DCE bit (see Section 10.4.5, "High-
speed Switch Configuration - 25h"), and the port power switch will use constant current limiting.
Bit 1 - CDP - Indicates that the portable device successfully performed a handshake with the BC1.2
CDP charger emulation profile and is charging. The high-speed switch will be closed, and the port
power switch will use trip current limiting.
Bit 0 - PT - Indicates that the UCS1002 is in the Data Pass-through or BC1.2 SDP Active mode. The
high-speed switch will be closed, and the port power switch will use trip current limiting.
APPLICATION NOTE: When the UCS1002 is configured as a Data Pass-through and a Removal event and then
an Attach event occur without changing the Active mode, the PT bit will not be set again
even though the UCS1002 is still operating as a Data Pass-through as configured. Toggling
the M1 control will re-enable the PT status bit.
10.3.5
Profile Status 2 - 13h
These bits indicate which profile was accepted. These bits are indicators only and will not cause the
ALERT# pin or A_DET# pin to change states. These bits are cleared under the following
circumstances: the PWR_EN control is disabled, a new Active mode is selected, or a Removal
Detection event occurs.
Bit 6 - LG7 - Indicates that the portable device successfully performed a handshake with the Legacy
7 charger emulation profile and is charging. The high-speed switch will be controlled via the HSW_DCE
bit (see Section 10.4.5, "High-speed Switch Configuration - 25h". The port power switch current limiting
mode is determined by the Custom current limiting behavior settings (see Section 10.14.2, "Custom
Current Limiting Behavior Configuration - 51h").
Bit 5 - LG6 - Indicates that the portable device successfully performed a handshake with the Legacy
6 charger emulation profile and is charging. The high-speed switch will be controlled via the HSW_DCE
bit (see Section 10.4.5, "High-speed Switch Configuration - 25h"). The port power switch current
limiting mode is determined by the Custom current limiting behavior settings (see Section 10.14.2,
"Custom Current Limiting Behavior Configuration - 51h").
Bit 4 - LG5 - Indicates that the portable device successfully performed a handshake with the Legacy
5 charger emulation profile and is charging. The high-speed switch will be controlled via the HSW_DCE
bit (see Section 10.4.5, "High-speed Switch Configuration - 25h"). The port power switch current
limiting mode is determined by the Custom current limiting behavior settings (see Section 10.14.2,
"Custom Current Limiting Behavior Configuration - 51h").
Bit 3 - LG4 - Indicates that the portable device successfully performed a handshake with the Legacy
4 charger emulation profile and is charging. The high-speed switch will be controlled via the HSW_DCE
bit (see Section 10.4.5, "High-speed Switch Configuration - 25h"). The port power switch current
limiting mode is determined by the Custom current limiting behavior settings (see Section 10.14.2,
"Custom Current Limiting Behavior Configuration - 51h").
Bit 2 - LG3 - Indicates that the portable device successfully performed a handshake with the Legacy
3 charger emulation profile and is charging. The high-speed switch will be controlled via the HSW_DCE
bit (see Section 10.4.5, "High-speed Switch Configuration - 25h"). The port power switch current
limiting mode is determined by the Custom current limiting behavior settings (see Section 10.14.2,
"Custom Current Limiting Behavior Configuration - 51h").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com