Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 93 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 93 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 89Page - Microchip Technology UCS1002-2 Datasheet HTML 90Page - Microchip Technology UCS1002-2 Datasheet HTML 91Page - Microchip Technology UCS1002-2 Datasheet HTML 92Page - Microchip Technology UCS1002-2 Datasheet HTML 93Page - Microchip Technology UCS1002-2 Datasheet HTML 94Page - Microchip Technology UCS1002-2 Datasheet HTML 95Page - Microchip Technology UCS1002-2 Datasheet HTML 96Page - Microchip Technology UCS1002-2 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
93
Revision 1.4 (07-16-13)
DATASHEET
Note 10.2 The lower threshold for the window comparator option is fixed at 400 mV and only applies
to the DPOUT pin. This setting cannot be used for the DMOUT port.
10.12.4
BC1.2 Emulation Stimulus X - Config 2 - 32h, 36h, 3Ah
The contents of this register are retained in Sleep.
Bits 7 - 4 - SX_RMAG[3:0] - Determines the magnitude of the response to the stimulus. The bit decode
changes meaning based on which response was selected as shown in Table 10.30. Table 10.31
through Table 10.33 show the specific decode for each function.
APPLICATION NOTE: Data written to any field that is identified as “do not use” will not be accepted. The data will
not be updated and the settings will remain set at the previous value.
Bits 3 - 0 - SX_RX[3:0] - Defines the stimulus response as shown in Table 10.29.
Table 10.28 Stimulus Options
STIMX[2:0] SETTING
STIMULUS
210
0
0
0
VBUS voltage ready to be applied (before port power switch is closed)
(default). Next stimulus will not wait for this stimulus to be removed.
0
0
1
DPOUT Voltage is > threshold (SX_TH).
0
1
0
Window comparator. DPOUT Voltage is < threshold (SX_TH) and DPOUT
Voltage is > fixed threshold (see Note 10.2).
0
1
1
DMOUT Voltage is > threshold (SX_TH).
1
0
0
Do not use.
1
0
1
Do not use.
1
1
0
DPOUT Voltage is > threshold (SX_TH).
1
1
1
VBUS voltage is present (after port power switch is closed). Next stimulus
will not wait for this stimulus to be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com