Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 31 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 31 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 27Page - Microchip Technology UCS1002-2 Datasheet HTML 28Page - Microchip Technology UCS1002-2 Datasheet HTML 29Page - Microchip Technology UCS1002-2 Datasheet HTML 30Page - Microchip Technology UCS1002-2 Datasheet HTML 31Page - Microchip Technology UCS1002-2 Datasheet HTML 32Page - Microchip Technology UCS1002-2 Datasheet HTML 33Page - Microchip Technology UCS1002-2 Datasheet HTML 34Page - Microchip Technology UCS1002-2 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
31
Revision 1.4 (07-16-13)
DATASHEET
4.2.3.1
SMBus Write Byte
The Write Byte is used to write one byte of data to a specific register as shown in Table 4.4.
4.2.3.2
SMBus Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 4.5.
4.2.3.3
SMBus Send Byte
The Send Byte protocol is used to set the internal address register pointer to the correct address
location. No data is transferred during the Send Byte protocol as shown in Table 4.6.
4.2.3.4
SMBus Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address
pointer is known to be at the right location (e.g., set via Send Byte). This is used for consecutive reads
of the same register as shown in Table 4.7.
4.2.4
I2C Protocols
The UCS1002 supports I2C Block Read and Block Write. The protocols listed below use the convention
in Table 4.3.
Table 4.4 Write Byte Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
STOP
1 ->0
YYYY_YYY
0
0
XXh
0
XXh
0
0 -> 1
Table 4.5 Read Byte Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
CLIENT
ADDRESS
RD
ACK
REGISTER
DATA
NACK
STOP
1->0
YYYY_YYY
0
0
XXh
0
1 ->0
YYYY_YYY
1
0
XXh
1
0 -> 1
Table 4.6 Send Byte Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
STOP
1 -> 0
YYYY_YYY
0
0
XXh
0
0 -> 1
Table 4.7 Receive Byte Protocol
START
CLIENT
ADDRESS
RD
ACK
REGISTER DATA
NACK
STOP
1 -> 0
YYYY_YYY
1
0
XXh
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com