Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 101 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 101 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 97Page - Microchip Technology UCS1002-2 Datasheet HTML 98Page - Microchip Technology UCS1002-2 Datasheet HTML 99Page - Microchip Technology UCS1002-2 Datasheet HTML 100Page - Microchip Technology UCS1002-2 Datasheet HTML 101Page - Microchip Technology UCS1002-2 Datasheet HTML 102Page - Microchip Technology UCS1002-2 Datasheet HTML 103Page - Microchip Technology UCS1002-2 Datasheet HTML 104Page - Microchip Technology UCS1002-2 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
101
Revision 1.4 (07-16-13)
DATASHEET
regardless of the reason, then the Custom charger emulation profile will accepted. If the portable
device does not draw more than IBUS_CHG current, then the UCS1002 will continue waiting until
this bit is cleared.
Bits 4 - 3 - CS1_EM_TIMEOUT[1:0] - Determines the tEM_TIMEOUT value, as shown in Table 10.24,
that is used when the Custom charger emulation profile is used during the DCE Cycle.
Bit 2 - CS1_FIRST - Determines whether the Custom charger emulation profile is placed first or last
in the DCE Cycle.
‘0’ (default) - The Custom charger emulation profile is the last of the profiles applied during the
DCE Cycle.
‘1’ - The Custom charger emulation profile is the first of the profiles applied during the DCE Cycle.
Bit 1 - RESERVED - Do not change. This bit will read ‘0’ and should not be written to a logic ‘1’.
Bit 0 - CS1_EM_DIS - Disables the Custom charger emulation profile.
‘0’ - The Custom charger emulation profile is enabled.
‘1’ (default) - The Custom charger emulation profile is not enabled.
10.13.2
Custom Stimulus / Response Pair X - Config 1 - 41h, 45h, 49h
The contents of this register are retained in Sleep.
Bit 6 - CS1_SX_TD_TYPE - Determines the behavior of the stimulus timer.
‘0’ - The stimulus timer is a delay from when the stimulus is detected until the response is
performed.
‘1’ - The stimulus timer controls how long the response is applied after the stimulus is detected.
The response is applied immediately and held for the duration of the timer then removed (if the
stimulus has been removed).
Bits 5 - 3 - CS1_SX_TD[2:0] - Determines the stimulus X tSTIM_DEL value as shown in Table 10.27.
Bits 2 - 0 - CS1_STIMX[2:0] - Determines the stimulus that is used as shown in Table 10.28.
10.13.3
Custom Stimulus / Response Pair X - Config 2 - 42h, 46h, 4Ah
The contents of this register are retained in Sleep.
Bits 7 - 4 - CS1_SX_RXMAG[3:0] - Determines the magnitude of the response to the stimulus. The bit
decode changes meaning based on which response was selected as shown in Table 10.30.
Table 10.31 through Table 10.33 show the specific decode for each function.
Bits 3 - 0 - CS1_SX_RX[3:0] - Defines the stimulus response as shown in Table 10.29.
10.13.4
Custom Stimulus / Response Pair X - Config 3 - 43h, 47h, 4Bh
The contents of this register are retained in Sleep.
Bits 5 - 4 - CS1_SX_PUPD[1:0] - Determines the magnitude of the pull-down current applied on the
DPOUT and DMOUT pins when the stimulus response is to apply a voltage and the voltage magnitude
is set at pull-down (0000b). The bit decode is given in Table 10.34.
Bits 3 - 0 - CS1_SX_TH[3:0] - Defines the threshold value, as shown in Table 10.35, for the specified
stimulus. If the stimulus is VBUS is ready to be applied or applied (i.e., CS1_STIMX[2:0] = 000b or
111b), the threshold value is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com