Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 23 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 19Page - Microchip Technology UCS1001 Datasheet HTML 20Page - Microchip Technology UCS1001 Datasheet HTML 21Page - Microchip Technology UCS1001 Datasheet HTML 22Page - Microchip Technology UCS1001 Datasheet HTML 23Page - Microchip Technology UCS1001 Datasheet HTML 24Page - Microchip Technology UCS1001 Datasheet HTML 25Page - Microchip Technology UCS1001 Datasheet HTML 26Page - Microchip Technology UCS1001 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
23
Revision 1.2 (05-21-12)
DATASHEET
Chapter 4 General Description
The UCS1001 provides a single USB port power switch for precise control of up to 2.5 amperes
continuous current with over-current limit (OCL), dynamic thermal management, latch or auto-recovery
fault handling, selectable active low or high enable, under- and over-voltage lockout, and back-voltage
protection.
Split supply support for VBUS and VDD is an option for low power in system standby states.
In addition to power switching and current limiting, the UCS1001 provides charger emulation profiles
to charge a wide variety of portable devices, including USB-IF BC1.2 (CDP or DCP modes), YD/T-
1591 (2009), most Apple and RIM portable devices, and many others.
Figure 4.1 shows a system configuration in which the UCS1001-1 provides a port power switch, low
power Attach Detection, and charging active signaling. Figure 4.2 shows a system configuration in
which the UCS1001-2 provides a port power switch, low power Attach Detection, and portable device
Attach Detection signaling. These configurations are useful for applications that already provide USB
BC1.2 and/or legacy data line handshaking on the USB data lines, but still require port power
switching.
Figure 4.1 UCS1001-1 System Configuration (No Charger Emulation)
UCS1001-1
LATCH
ALERT#
PWR_EN
3 V – 5.5 V
GND
Device
DPIN
DMIN
DPOUT
DMOUT
VDD
5 V
VBUS1
VBUS2
VS1
VS2
ILIM
3 V – 5.5 V
Auto-recovery
Upon Fault
Latch
Upon Fault
EM_EN
M1
M2
SEL
CHRG#
5 V Host
CBUS
USB Host
(DP, DM)
S0
Disable Detect
State
Enable
Detect State
CIN
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com