Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 37 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 37 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 33Page - Microchip Technology UCS1001 Datasheet HTML 34Page - Microchip Technology UCS1001 Datasheet HTML 35Page - Microchip Technology UCS1001 Datasheet HTML 36Page - Microchip Technology UCS1001 Datasheet HTML 37Page - Microchip Technology UCS1001 Datasheet HTML 38Page - Microchip Technology UCS1001 Datasheet HTML 39Page - Microchip Technology UCS1001 Datasheet HTML 40Page - Microchip Technology UCS1001 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
37
Revision 1.2 (05-21-12)
DATASHEET
6.2.4.2
Constant Current Limiting (Variable Slope)
Constant current limiting is used when a portable device handshakes using the BC1.2 DCP or Legacy
2 charger emulation profiles and the current drawn is greater than ILIM (and ILIM < 1.5 A). It’s also
used in BC1.2 CDP mode and during the DCE Cycle when a charger emulation profile is being applied
and the timeout is active.
In CC mode, the port power switch allows the attached portable device to reduce VBUS output voltage
to less than the input VS voltage while maintaining current delivery. The V/I slope depends on the user
set ILIM value. This slope is held constant for a given ILIM value.
Figure 6.1 Trip Current Limiting Operation
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
5.25
4.75
IBUS (Amps)
Operating
Current
0
0
0.9
1.2
1.2
1.0
0.9
0.5
1.5
2.5
1.8
2.0
= ILIM’s
1.8
Power Switch Voltage and Current Output
go to Zero when ILIM is Exceeded
Trip action
(ILIM = 0.5 A)
Trip action
(ILIM = 2.5 A)
ILIM (Amps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com