Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 43 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 39Page - Microchip Technology UCS1001 Datasheet HTML 40Page - Microchip Technology UCS1001 Datasheet HTML 41Page - Microchip Technology UCS1001 Datasheet HTML 42Page - Microchip Technology UCS1001 Datasheet HTML 43Page - Microchip Technology UCS1001 Datasheet HTML 44Page - Microchip Technology UCS1001 Datasheet HTML 45Page - Microchip Technology UCS1001 Datasheet HTML 46Page - Microchip Technology UCS1001 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
43
Revision 1.2 (05-21-12)
DATASHEET
APPLICATION NOTE: When the M1, M2, and EM_EN controls are set to ‘0’, ‘1’, ‘0’ or to ‘1’, ‘1’, ‘0’ respectively,
Data Pass-through mode will persist if the PWR_EN control is disabled; however, the
UCS1001 will draw more current. To leave Data Pass-through mode, the PWR_EN control
must be enabled before the M1, M2, and EM_EN controls are changed to the desired mode.
8.5
BC1.2 SDP (No Charger Emulation)
When commanded to BC1.2 SDP mode, UCS1001 will discharge VBUS, close its USB high-speed
data switch to allow USB communications between a portable device and host controller, and will
operate using trip current limiting. No charger emulation profiles are applied in this mode. BC1.2 SDP
mode will persist until commanded otherwise by the M1, M2, EM_EN, and PWR_EN controls.
APPLICATION NOTE: If it is desired that the BC1.2 SDP mode operates as a traditional / standard port power
switch, the S0 control should be set to ‘0’.
8.6
BC1.2 CDP
When BC1.2 CDP is selected as the Active mode, UCS1001 will discharge VBUS, close its USB high-
speed data switch, and apply the BC1.2 CDP charger emulation profile which performs handshaking
per the specification. The combination of the UCS1001 CDP handshake along with a standard USB
host comprises a charging downstream port.
If the handshake is successful, the UCS1001 will operate using constant current limiting (variable
slope). If the handshake is not successful, the UCS1001 will leave the applied CDP profile in place,
leave the high-speed switch closed, enable constant current limiting, and persist in this condition until
commanded otherwise by the M1, M2, EM_EN, and PWR_EN controls.
The UCS1001 will respond per the BC1.2 specification to portable device initiated charger
renegotiation requests.
APPLICATION NOTE: BC1.2 compliance testing may require the S0 control to be set to ‘0’ (Attach and Removal
Detection feature disabled) while testing is in progress.
APPLICATION NOTE: When the UCS1001 is in BC1.2 CDP mode and the Attach and Removal Detection feature
is enabled, if a power thief, such as a USB light or fan, attaches but does not assert DP, a
Removal event will not occur when the portable device is removed. However, if a standard
USB device is subsequently attached, Removal Detection will again be fully functional. As
well, if PWR_EN is cycled or M1, M2, and / or EM_EN change state, a Removal event will
occur and Attach Detection will be reactivated.
8.6.1
BC1.2 CDP Charger Emulation Profile
The BC1.2 CDP charger emulation profile acts as described below.
APPLICATION NOTE: All CDP handshaking is performed with the high-speed switch closed.
1. VBUS voltage is applied.
2. Primary Detection - When the portable device drives a voltage between 0.4 V and 0.8 V onto the
DPOUT pin, the UCS1001 will drive 0.6 V onto the DMOUT pin within 20 ms.
3. When the portable device drives the DPOUT pin back to ‘0’, the UCS1001 will then drive the
DMOUT pin back to ‘0’ within 20 ms.
4. Optional Secondary Detection - If the portable device then drives a voltage of 0.6 V (nominal) onto
the DMOUT pin, the UCS1001 will take no other action. This will cause the portable device to
observe a ‘0’ on the DPOUT pin and know that it is connected to a CDP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com