Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 36 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 36 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 32Page - Microchip Technology UCS1001 Datasheet HTML 33Page - Microchip Technology UCS1001 Datasheet HTML 34Page - Microchip Technology UCS1001 Datasheet HTML 35Page - Microchip Technology UCS1001 Datasheet HTML 36Page - Microchip Technology UCS1001 Datasheet HTML 37Page - Microchip Technology UCS1001 Datasheet HTML 38Page - Microchip Technology UCS1001 Datasheet HTML 39Page - Microchip Technology UCS1001 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
36
SMSC UCS1001
DATASHEET
6.2.3
Soft Start
When the PWR_EN control changes states to enable the port power switch, or an Attach Detection
event occurs in the Detect power state and the PWR_EN control is already enabled, the UCS1001
invokes a soft start routine for the duration of the VBUS rise time (tR_BUS). This soft start routine will
limit current flow from VS into VBUS while it is active. This circuitry will prevent current spikes due to
a step in the portable device current draw.
In the case when a portable device is attached while the PWR_EN pin is already enabled, if the bus
current exceeds ILIM, the UCS1001 current limiter will respond within a specified time (tSHORT_LIM)
and will operate normally at this point. The CBUS capacitor will deliver the extra current, if any, as
required by the load change.
6.2.4
Current Limiting Modes
The UCS1001 current limiting has two modes: trip and constant current (variable slope). Either mode
functions at all times when the port power switch is closed. The current limiting mode used depends
on the Active state mode (see Section 8.9, "Current Limit Mode Associations"). When operating in the
Detect power state (see Section 4.1.3), the current capacity at VBUS is limited to IBUS_BYP as
described in Section 7.2, "VBUS Bypass Switch".
6.2.4.1
Trip Mode
When using trip current limiting, the UCS1001 USB port power switch functions as a low resistance
switch and rapidly turns off if the current limit is exceeded. While operating using trip current limiting,
the VBUS output voltage will be held relatively constant (equal to the VS voltage minus the RON * IBUS
current) for all current values up to the ILIM.
If the current drawn by a portable device exceeds ILIM, the following occurs:
1. The port power switch will be turned off (trip action).
2. The UCS1001 will enter the Error state and assert the ALERT# pin.
3. The fault handling circuitry will then determine subsequent actions.
Trip current limiting is used when the UCS1001 is in Data Pass-through and Dedicated Charger
Emulation Cycle (except when the BC1.2 DCP or Legacy 2 charger emulation profile is accepted), and
when there’s no handshake.
APPLICATION NOTE: To avoid cycling in trip mode, set ILIM higher than the highest expected portable device
current draw.
Figure 6.1 shows operation of current limits in trip mode with the shaded area representing the USB
2.0 specified VBUS range. Dashed lines indicate the port power switch output will go to zero (e.g., trip)
when ILIM is exceeded. Note that operation at all possible values of ILIM are shown in Figure 6.1 for
illustrative purposes only; in actual operation only one ILIM can be active at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com