Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 10 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 10 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 6Page - Microchip Technology UCS1001 Datasheet HTML 7Page - Microchip Technology UCS1001 Datasheet HTML 8Page - Microchip Technology UCS1001 Datasheet HTML 9Page - Microchip Technology UCS1001 Datasheet HTML 10Page - Microchip Technology UCS1001 Datasheet HTML 11Page - Microchip Technology UCS1001 Datasheet HTML 12Page - Microchip Technology UCS1001 Datasheet HTML 13Page - Microchip Technology UCS1001 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
10
SMSC UCS1001
DATASHEET
Chapter 2 Pin Description
Figure 2.1 UCS1001-1 Pin Diagram
M2
1
2
3
4
M1
5
15
14
13
12
ILIM
VBUS1
VBUS2
DPIN
S0
LATCH
DMIN
ALERT#
11
GND FLAG
UCS1001-1
20-QFN 4mm x 4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com