Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 28 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 28 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 24Page - Microchip Technology UCS1001 Datasheet HTML 25Page - Microchip Technology UCS1001 Datasheet HTML 26Page - Microchip Technology UCS1001 Datasheet HTML 27Page - Microchip Technology UCS1001 Datasheet HTML 28Page - Microchip Technology UCS1001 Datasheet HTML 29Page - Microchip Technology UCS1001 Datasheet HTML 30Page - Microchip Technology UCS1001 Datasheet HTML 31Page - Microchip Technology UCS1001 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
28
SMSC UCS1001
DATASHEET
Table 4.1 shows the settings for the various power states, except Off and Error. If VDD < VDD_TH, the
UCS1001 is in the Off state. To determine the mode of operation in the Active state, see Table 8.1,
"Active Mode Selection".
APPLICATION NOTE: Using configurations not listed in Table 4.1 is not recommended and may produce
undesirable results.
Note 4.1
In order to transition from Active state Data Pass-through mode into Sleep with these
settings, change the M1, M2, and EM_EN pins before changing the PWR_EN pin. See
Section 8.4, "Data Pass-through (No Charger Emulation)".
Note 4.2
If S0=’0’ and a portable device is not attached in DCE Cycle mode, the UCS1001 will be
cycling through charger emulation profiles. There is no guarantee which charger emulation
profile will be applied first when a portable device attaches.
Table 4.1 Power States Control Settings
POWER
STATE
VS
PWR_EN
S0
M1, M2,
EM_EN
PORTABLE
DEVICE
ATTACHED
BEHAVIOR
Sleep
X
disabled
0
Not set to
Data
Pass-
through.
See
Note 4.1.
X
All switches disabled. VBUS will be
near ground potential.
X
enabled
0
All = 0b
X
Detect
(see Chapter 7,
Detect State)
X
disabled
1
X
X
High-speed switch disabled. Port
power switch disabled. Host-
controlled transition to Active state
(see Section 4.1.3.2, "Host-
Controlled Transition from Detect to
Active").
< VS_UVLO
enabled
1
All <> 0b
X
> VS_UVLO
enabled
1
All <> 0b
No
High-speed switch disabled.
Automatic transition to Active state
when conditions met (see Section
4.1.3.1, "Automatic Transition from
Detect to Active").
Active
(see Chapter 8,
Active State)
> VS_UVLO
enabled
0
All <> 0b
and not
set to
DCE
Cycle
X
High-speed switch enabled /
disabled based on mode. Port power
switch is on at all times. Attach and
Removal Detection disabled.
Set to
DCE
Cycle
X
High-speed switch disabled. Port
power switch is on at all times.
Attach and Removal Detection
disabled. See Note 4.2.
> VS_UVLO
enabled
1
All <> 0b
Yes
Port power switch is on. Removal
Detection enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com