Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 30 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 26Page - Microchip Technology UCS1001 Datasheet HTML 27Page - Microchip Technology UCS1001 Datasheet HTML 28Page - Microchip Technology UCS1001 Datasheet HTML 29Page - Microchip Technology UCS1001 Datasheet HTML 30Page - Microchip Technology UCS1001 Datasheet HTML 31Page - Microchip Technology UCS1001 Datasheet HTML 32Page - Microchip Technology UCS1001 Datasheet HTML 33Page - Microchip Technology UCS1001 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
30
SMSC UCS1001
DATASHEET
There is one non-recommended configuration which places the UCS1001 in the Detect state, but
VBUS will not be discharged and a portable device attachment will not be detected. For the
recommended configurations, see Table 4.1, "Power States Control Settings".
NOT RECOMMENDED: PWR_EN is enabled, S0 = ‘1’, and M1, M2, and EM_EN are all ‘0’.
There are two methods for transitioning from the Detect state to the Active state: automatic and host-
controlled.
4.1.3.1
Automatic Transition from Detect to Active
For the Detect state, set S0 to ‘1’, enable PWR_EN, set the EM_EN, M1, and M2 controls to the
desired Active mode (Table 8.1, "Active Mode Selection"), and supply VS > VS_UVLO. When a portable
device is attached and an Attach Detection event occurs, the UCS1001 will automatically transition to
the Active state and operate according to the selected Active mode.
4.1.3.2
Host-Controlled Transition from Detect to Active
For the Detect state, set S0 to ‘1’, set the EM_EN, M1, and M2 controls to the desired Active mode
(Table 8.1, "Active Mode Selection"), and configure one of the following: 1) disable PWR_EN and
supply VS, or 2) enable PWR_EN and don’t supply VS. When a portable device is attached and an
Attach Detection event occurs, the host must respond to transition to the Active state. Depending on
the control settings in the Detect state, this could entail 1) enabling PWR_EN or 2) supplying VS above
the threshold.
APPLICATION NOTE: If S0 is '1', PWR_EN is enabled, and VS is not present, the A_DET# pin will cycle if the
current draw exceeds the current capacity of the bypass switch.
4.1.3.3
State Change from Detect to Active
When conditions cause the UCS1001 to transition from the Detect state to the Active state, the
following occurs:
1. The Attach Detection feature will be disabled; the Removal Detection feature remains enabled,
unless S0 is changed to ’0’.
2. The bypass switch will be turned off.
3. The discharge switch will be turned on briefly.
4. The port power switch will be turned on.
4.1.4
Active State Operation
Every time that the UCS1001 enters the Active state and the port power switch is closed, it will enter
the mode as instructed by the host controller (see Chapter 8, Active State). The UCS1001 cannot be
in the Active state (and therefore, the port power switch cannot be turned on) if any of the following
conditions exist:
1. VS < VS_UVLO.
2. PWR_EN is disabled.
3. M1, M2, and EM_EN are all set to '0'.
4. S0 is set to ‘1’ and an Attach Detection event has not occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com