Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 1 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 1 Page - Microchip Technology

  UCS1001 Datasheet HTML 1Page - Microchip Technology UCS1001 Datasheet HTML 2Page - Microchip Technology UCS1001 Datasheet HTML 3Page - Microchip Technology UCS1001 Datasheet HTML 4Page - Microchip Technology UCS1001 Datasheet HTML 5Page - Microchip Technology UCS1001 Datasheet HTML 6Page - Microchip Technology UCS1001 Datasheet HTML 7Page - Microchip Technology UCS1001 Datasheet HTML 8Page - Microchip Technology UCS1001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
SMSC UCS1001
Revision 1.2 (05-21-12)
DATASHEET
Datasheet
PRODUCT FEATURES
UCS1001
USB Port Power Controller with
Charger Emulation
General Description
The UCS1001 provides a USB port power switch for
precise control of up to 2.5 amperes continuous current
with over-current limit (OCL), dynamic thermal
management, latch or auto-recovery (low test current)
fault handling, selectable active low or high enable,
under- and over-voltage lockout, back-drive protection,
and back-voltage protection.
Split supply support for VS and VDD is an option for low
power in system standby states. This gives battery
operated applications, like notebook PCs, the ability to
detect attachments from a sleep or off state. After the
Attach Detection is flagged, the system can decide to
wake up and/or provide charging.
In addition to power switching and current limiting
modes, the UCS1001 will automatically charge a wide
variety of portable devices, including USB-IF BC1.2,
YD/T-1591 (2009), most Apple® and RIM®, and many
others. Nine preloaded charger emulation profiles
maximize compatibility coverage of peripheral devices.
The UCS1001 is available in a 20-pin QFN 4 mm x
4 mm package.
Applications
Notebook and Netbook Computers
Tablets and E-book readers
Desktops and Monitors
Docking Stations and Printers
AC-DC wall adapters
Features
Port power switch with two current limit behaviors
— 2.9 V to 5.5 V source voltage range
— Up to 2.5 A current with 55 m
 On Resistance
— Over-current trip or constant current limiting
— Soft turn-on circuitry
— Selectable current limit
— Dynamic thermal management
— Under- and over-voltage lockout
— Back-drive, back-voltage protection
— Latch or auto-recovery (low test current) fault handling
— Selectable active high or low power switch enable
— BC1.2 VBUS discharge port renegotiation function
Selectable / automatic cycling of USB data line
charger emulation profiles
— USB-IF BC1.2 charging downstream port (CDP) &
dedicated charging port (DCP) modes, YD/T-1591, and
most Apple and RIM protocols standard
— USB 2.0 compliant high-speed data switch (in Pass-
through and CDP modes)
— Nine preloaded charger emulation profiles for maximum
compatibility coverage of peripheral devices
Charging Active (UCS1001-1) or Attach Detection
(UCS1001-2) open-drain output
Fault Alert open-drain output
Ultra low power Sleep state
Optional split supply support for VBUS and VDD for
low power in system standby states
Wake on Attach USB (UCS1001-2)
Wide operating temperature range: -40 °C to +85 °C
IEC61000-4-2 8 / 15 kV ESD immunity
UL recognized and EN/IEC 60950-1 (CB) certified


Similar Part No. - UCS1001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1001-3-BP-TR MICROCHIP-UCS1001-3-BP-TR Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3-BP-TR SMSC-UCS1001-3-BP-TR Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1001-4 MICROCHIP-UCS1001-4 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results

Similar Description - UCS1001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
Automotive USB Port Power Controller with Charger Emulation
03/25/14
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
USB Port Power Controller with Charger Emulation
07/14/15
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com