Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 31 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 31 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 27Page - Microchip Technology UCS1001 Datasheet HTML 28Page - Microchip Technology UCS1001 Datasheet HTML 29Page - Microchip Technology UCS1001 Datasheet HTML 30Page - Microchip Technology UCS1001 Datasheet HTML 31Page - Microchip Technology UCS1001 Datasheet HTML 32Page - Microchip Technology UCS1001 Datasheet HTML 33Page - Microchip Technology UCS1001 Datasheet HTML 34Page - Microchip Technology UCS1001 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
31
Revision 1.2 (05-21-12)
DATASHEET
4.1.5
Error State Operation
The UCS1001 will enter the Error state from the Active state when any of the following events are
detected:
1. The maximum allowable internal die temperature (TTSD) has been exceeded (see Section 6.3.1.2).
2. An over-current condition has been detected (see Section 6.2.1).
3. An under-voltage condition on VBUS has been detected (see Section 4.2.5).
4. A back-drive condition has been detected (see Section 4.2.3).
5. A discharge error has been detected (see Section 6.4).
6. An over-voltage condition on the VS pins.
The UCS1001 will enter the Error state from the Detect state when a back-drive condition has been
detected or when the maximum allowable internal die temperature has been exceeded.
The UCS1001 will enter the Error state from the Sleep state when a back-drive condition has been
detected.
When the UCS1001 enters the Error state, the port power switch, the VBUS bypass switch, the high-
speed switch are turned off, and the ALERT# pin is asserted. They will remain off while in this power
state. The UCS1001 will leave this state as determined by the fault handling selection (see Section
6.5, "Fault Handling Mechanism").
When using the Latch fault handler and the user has re-activated the device by or toggling the
PWR_EN control, the UCS1001 will check that all of the error conditions have been removed. If using
Auto-recovery fault handler, after the tCYCLE time period, the UCS1001 will check that all of the error
conditions have been removed.
If all of the error conditions have been removed, the UCS1001 will return to the Active state or Detect
state, as applicable. Returning to the Active state will cause the UCS1001 to restart the selected mode
(see Section 8.2, "Active Mode Selection").
If the device is in the Error state and a Removal Detection event occurs, it will check the error
conditions and then return to the power state defined by the PWR_EN, M1, M2, EM_EN, and S0
controls.
4.2
Supply Voltages
4.2.1
VDD Supply Voltage
The UCS1001 requires 4.5 V to 5.5 V present on the VDD pin for core device functionality.
4.2.2
VS Source Voltage
VS can be a separate supply and can be greater than VDD to accommodate high current applications
in which current path resistances result in unacceptable voltage drops that may prevent optimal
charging of some portable devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com